Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5901S Datasheet(PDF) 11 Page - Sanken electric

Part # LC5901S
Description  External Phase Compensation is unnecessary
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5901S Datasheet(HTML) 11 Page - Sanken electric

Back Button LC5901S Datasheet HTML 7Page - Sanken electric LC5901S Datasheet HTML 8Page - Sanken electric LC5901S Datasheet HTML 9Page - Sanken electric LC5901S Datasheet HTML 10Page - Sanken electric LC5901S Datasheet HTML 11Page - Sanken electric LC5901S Datasheet HTML 12Page - Sanken electric LC5901S Datasheet HTML 13Page - Sanken electric LC5901S Datasheet HTML 14Page - Sanken electric LC5901S Datasheet HTML 15Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
LC5901S DATA SHEET
Rev.1.5
Copy Right: SANKEN ELECTRIC CO., LTD.
Page.11
fig.8 RRT=47kΩ,VIN=110VDC condition, Number of LED vs. Ton & Frequency
Like this, switching-frequency rises relatively when a "OFF-Period" is set up short. Moreover, when there are
many LED's and VLED is high, it is the character that frequency is decreased because TON spreads out.
7.3 The Setup of reference voltage(VREF)
The reference voltage is set up by the value of the setup resistor RREF that it was connected to between the REF
terminal (pin 8) and GND terminal (pin 3) , and the setup resistor RRT that it was connected to between the RT
terminal (pin 5) and GND terminal (pin 3) . The reference voltage VREF is able to calculate with an equation (6).
The correlation of the reference voltage VREF to the resistance value of RREF is shown as the fig 9. The setup upper
limit voltage of the reference voltage is 2.5V.
Ω
Ω
fig.9 the relations of RREF vs. VREF .
Fig 9 is the relations of the reference voltage VREF set up by two resistance of RRT and RREF. By the resistance
detector RCS of fig 3, the IC detects the "average LED current" that is flowing to the LED string and the "average
LED current" is converted as the voltage signals. It is prediction controlled so that the value of the detected voltage
signal may become equal to the reference voltage VREF.


Similar Part No. - LC5901S

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC590Z SEOUL-LC590Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Similar Description - LC5901S

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC24053 MICROCHIP-MIC24053 Datasheet
544Kb / 32P
   No External Compensation
11/07/16
MIC24051 MICROCHIP-MIC24051 Datasheet
1Mb / 34P
   No External Compensation
11/07/16
logo
KODENSHI_AUK CORP.
KM1102 KODENSHI-KM1102 Datasheet
361Kb / 3P
   System clock unnecessary
logo
Renesas Technology Corp
ISL95872 RENESAS-ISL95872 Datasheet
830Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95873 INTERSIL-ISL95873 Datasheet
533Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Renesas Technology Corp
ISL95873 RENESAS-ISL95873 Datasheet
835Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95872 INTERSIL-ISL95872 Datasheet
617Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
January 26, 2012
logo
National Semiconductor ...
LM1771 NSC-LM1771 Datasheet
1Mb / 18P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM1771_0608 NSC-LM1771_0608 Datasheet
768Kb / 17P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Texas Instruments
LM1771 TI-LM1771_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM1771 Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com