Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS100 Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # RS100
Description  Finger-safe Fuse Holders for BS88 HRC Industrial Fuses
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

RS100 Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  RS100 Datasheet HTML 1Page - Cooper Bussmann, Inc. RS100 Datasheet HTML 2Page - Cooper Bussmann, Inc. RS100 Datasheet HTML 3Page - Cooper Bussmann, Inc. RS100 Datasheet HTML 4Page - Cooper Bussmann, Inc. RS100 Datasheet HTML 5Page - Cooper Bussmann, Inc. RS100 Datasheet HTML 6Page - Cooper Bussmann, Inc. RS100 Datasheet HTML 7Page - Cooper Bussmann, Inc. RS100 Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
0415
BU-SB13988
Page 4 of 8
Data Sheet # 10083
Red Spot Fuse Holders
63 Amp Red Spot Holders
Dimensions - mm
Front Connected
Back Stud Connected
Front/Back Stud Connected
75.4
9.50
5.6
23.8
34.9
TERMINALS ACCOMMODATE
CABLES UP TO 50 Sq. mm
6.4
6.4
2 HOLES TO TAKE M5
CHEESEHEAD FIXING SCREWS
CL
CL
84
9.5
23.8
28.6
5.6
75.4
DIAMETER OF CABLE HOLE
IN BASE CONTACT TERMINALS
ACCOMMODATE CABLE
UP TO 50sq mm
6.4
6.4
ONE HOLE
19.1 TO
CLEAR BUSHING.
TWO HOLES TO TAKE
M5 CHEESEHEAD
FIXING SCREWS.
35
75.4
28.6
84
5.6
6.4
6.4
TWO HOLES
19.1
TO CLEAR BUSHINGS
TWO HOLES TO TAKE
M5 CHEESEHEAD
FIXING SCREWS
CL
CL
35
Accessories
Part Number
Padlockable Inserts
RS63LOCK
Red Warning Carriers
RS63RED
Adaptors for GS Fuses*
GRS63-A
GSA 25 to 50A
* One kit required per fuse.
Red Spot
Volts
Max-Min
Min. Torque Lb-In (N•m)
Bussmann Fuse
Fuse Holder
Rated
IEC
CSA
CSA
Conductor Size
Fuse Mount Holder
Family Symbol
Part Numbers
Amps
Vac
Vac
Vdc
AWG (mm2)
Termination/Connection Styles
Conductors
Screws
Color
& Amp Range
RS63H
63
690
600
690
1-6 (50-13)
Front Connected
31 (3.50)
18 (2.03)
Black
RS63HWH
63
690
600
690
1-6 (50-13)
Front Connected
31 (3.50)
18 (2.03)
White
_CIK07 (35-60A)
RS63P
63
690
600
690
Back Stud Connected
18 (2.03)
Black
_K07C (40-60A)
RS63PWH
63
690
600
690
Back Stud Connected
18 (2.03)
White
CGL-_ (35-60A)
RS63PH
63
690
600
690
1-6 (50-13)
Front/Back Stud Connected
31 (3.50)
18 (2.03)
Black
RS63PHWH
63
690
600
690
1-6 (50-13)
Front/Back Stud Connected
31 (3.50)
18 (2.03)
White
† Back stud connection requires use of customer supplied terminal lugs. Minimum/maximum conductor size and torque per terminal lug manufacturer.


Similar Part No. - RS100

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS100 ASTRODYNE-RS100 Datasheet
300Kb / 4P
   100W Single Output Switching Power Supply
logo
Schneider Electric
RS100 SCHNEIDER-RS100 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
Astrodyne Corporation
RS100-12 ASTRODYNE-RS100-12 Datasheet
300Kb / 4P
   100W Single Output Switching Power Supply
RS100-15 ASTRODYNE-RS100-15 Datasheet
300Kb / 4P
   100W Single Output Switching Power Supply
RS100-24 ASTRODYNE-RS100-24 Datasheet
300Kb / 4P
   100W Single Output Switching Power Supply
More results

Similar Description - RS100

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
RS20H EATON-RS20H Datasheet
2Mb / 8P
   Red Spot fuse holders for BS88 HRC industrial fuses
logo
Littelfuse
245 LITTELFUSE-245 Datasheet
497Kb / 1P
   245 Series Shock-Safe Fuse Holders for 2AG Fuses
Revised: 06/21/18
logo
Cooper Bussmann, Inc.
NITD6A COOPER-NITD6A Datasheet
22Kb / 1P
   Industrial HRC Fuse
logo
Littelfuse
LFPXV0001Z LITTELFUSE-LFPXV0001Z Datasheet
351Kb / 2P
   LFPXV TOUCH-SAFE FUSE HOLDERS
Rev: 1-B-072919
LPHV LITTELFUSE-LPHV Datasheet
441Kb / 1P
   LPHV POWR-SAFE FUSE HOLDERS
logo
Cooper Bussmann, Inc.
H15-V-1 COOPER-H15-V-1 Datasheet
375Kb / 2P
   PCB fuse holders for 5x20mm fuses
logo
Littelfuse
LPHV0001Z LITTELFUSE-LPHV0001Z Datasheet
183Kb / 1P
   LPHV POWR-SAFE FUSE HOLDERS
Rev: 101521
logo
List of Unclassifed Man...
GH710 ETC1-GH710 Datasheet
70Kb / 3P
   GH Industrial HRC Fuse Links
logo
Cooper Bussmann, Inc.
EF355 COOPER-EF355_15 Datasheet
94Kb / 4P
   EF Industrial HRC fuse links
logo
Eaton All Rights Reserv...
JT600 EATON-JT600 Datasheet
817Kb / 4P
   Safety J finger-safe 30 and 60 amp Class J fuse holders
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com