Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SECG1D07C-SD Datasheet(PDF) 9 Page - Sanken electric

Part # SECG1D07C-SD
Description  High ESD tolerance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SECG1D07C-SD Datasheet(HTML) 9 Page - Sanken electric

Back Button SECG1D07C-SD Datasheet HTML 3Page - Sanken electric SECG1D07C-SD Datasheet HTML 4Page - Sanken electric SECG1D07C-SD Datasheet HTML 5Page - Sanken electric SECG1D07C-SD Datasheet HTML 6Page - Sanken electric SECG1D07C-SD Datasheet HTML 7Page - Sanken electric SECG1D07C-SD Datasheet HTML 8Page - Sanken electric SECG1D07C-SD Datasheet HTML 9Page - Sanken electric SECG1D07C-SD Datasheet HTML 10Page - Sanken electric SECG1D07C-SD Datasheet HTML 11Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LED Data Sheet - SECG1D07C-SD
● Packing
Packing Material : Aluminum laminated moisture-proof packing
Quantity : 4000 pcs (Minimum order quantity)
Label  : See below.
1) Part Number   :  SEC******
2) Lot No. :
* * **
↑ ↑  ↑
① ② ③
①Last digit of year、
②Month
(January~September→Arabic Numeral
October →O、November→N、December→D)
③Day
3) quantity  : 4000pcs
4) Rank :
*-*
↑ ↑
① ②
①Luminous intensity rank
②Dominant wavelength rank
    SANKEN ELECTRIC COMPANY, LTD.
1)
2)
3)
印刷エリア
防湿梱包のご注意
230±5
SANKEN ELECTRIC CO., LTD
MADE IN JAPAN
LOT NO. ****
RANK *-*
Notch(Both sides)
Zipper
*Label
Unit:mm
P/N
SEC******
QTY
4,000 PCS
Page 9 / 11


Similar Part No. - SECG1D07C-SD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SECG1D0EC-S SANKEN-SECG1D0EC-S Datasheet
199Kb / 11P
   3.0*1.4 Flat View LED
More results

Similar Description - SECG1D07C-SD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SECK1WA0EY-DA SANKEN-SECK1WA0EY-DA Datasheet
207Kb / 12P
   High ESD tolerance
SECK1FB0EY-DA SANKEN-SECK1FB0EY-DA Datasheet
213Kb / 12P
   High ESD tolerance
SECG1E07C-SD SANKEN-SECG1E07C-SD Datasheet
185Kb / 11P
   High ESD tolerance
logo
Rohm
PTZTE2518B ROHM-PTZTE2518B Datasheet
155Kb / 5P
   Small power mold type. (PMDS), High ESD tolerance
logo
Maxim Integrated Produc...
MAX9178 MAXIM-MAX9178 Datasheet
310Kb / 14P
   Quad LVDS Line Driver with High-ESD Tolerance and Flow-Through Pinout
Rev 0; 4/03
logo
List of Unclassifed Man...
DK-6R3D104T ETC2-DK-6R3D104T Datasheet
84Kb / 1P
   High Voltage Tolerance Capacitors
logo
Fairchild Semiconductor
MMSZ5226B FAIRCHILD-MMSZ5226B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5231B FAIRCHILD-MMSZ5231B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5232B FAIRCHILD-MMSZ5232B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5236B FAIRCHILD-MMSZ5236B Datasheet
158Kb / 5P
   5% TOLERANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com