Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SECK1FB0EY-DA Datasheet(PDF) 7 Page - Sanken electric

Part # SECK1FB0EY-DA
Description  High ESD tolerance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SECK1FB0EY-DA Datasheet(HTML) 7 Page - Sanken electric

Back Button SECK1FB0EY-DA Datasheet HTML 3Page - Sanken electric SECK1FB0EY-DA Datasheet HTML 4Page - Sanken electric SECK1FB0EY-DA Datasheet HTML 5Page - Sanken electric SECK1FB0EY-DA Datasheet HTML 6Page - Sanken electric SECK1FB0EY-DA Datasheet HTML 7Page - Sanken electric SECK1FB0EY-DA Datasheet HTML 8Page - Sanken electric SECK1FB0EY-DA Datasheet HTML 9Page - Sanken electric SECK1FB0EY-DA Datasheet HTML 10Page - Sanken electric SECK1FB0EY-DA Datasheet HTML 11Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LED Data Sheet - SECK1FB0EY-DA
● Attention after opened
The LED is in SMD package. When the LED is mounted by means of soldering and the resin
is unusually damp, soldering may cause interfacial defoliation.
This occurs when a drastic temperature change causes moisture in the resin to evaporate and
to swell. Therefore, attention to the below must be paid.  
① Atmosphere when using the LEDs after package is opened
After opened and mounted, soldering should be carried out quickly.
Following atmosphere is recommended when using (and mounting) the LEDs.
Temperature : 5~30℃
Humidity : less than 70%
② Baking
In case 168 hours have passed after package is opened, LEDs must be dried as follows.
60±5 ℃ for more than 24 hours (taping reel)
③ Storage after package is opened
Following storage conditions are recommended after package is opened.
In case indicator color (blue) of desiccant (ex. silica gel) has disappeared,
LEDs must be dried under the same conditions as ② above.
● Other
① After soldering any mechanical force or excessive vibration should not be applied to LEDs during
cooling process until the LEDs cool down to normal temperature.
② Quick cooling must be avoided.
③ The LEDs should not be mounted on warped direction of PCB.
④ This product series emits high light power. Do not look directly into the light emitting area.
Direct exposure to the light over an extended time period may harm eyes.
⑤ Extra attention should be paid to the sealing resin of the product, which is silicone resin.
・The emitting area of the LEDs contains fine gold wires. Touching this area witout care may
add excess stress on the internal gold wires and may result in
・The silver plating of the leadframe may discolor if the product comes into contact with material
 containing sulfides or if it is exposed to an atmosphere containing sulfide gas.
    SANKEN ELECTRIC COMPANY, LTD.
Page 7 / 12


Similar Part No. - SECK1FB0EY-DA

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SECK1FB07Y-D SANKEN-SECK1FB07Y-D Datasheet
748Kb / 11P
   1.6횞0.8횞t0.7 SMD type LED
More results

Similar Description - SECK1FB0EY-DA

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SECK1WA0EY-DA SANKEN-SECK1WA0EY-DA Datasheet
207Kb / 12P
   High ESD tolerance
SECG1D07C-SD SANKEN-SECG1D07C-SD Datasheet
185Kb / 11P
   High ESD tolerance
SECG1E07C-SD SANKEN-SECG1E07C-SD Datasheet
185Kb / 11P
   High ESD tolerance
logo
Rohm
PTZTE2518B ROHM-PTZTE2518B Datasheet
155Kb / 5P
   Small power mold type. (PMDS), High ESD tolerance
logo
Maxim Integrated Produc...
MAX9178 MAXIM-MAX9178 Datasheet
310Kb / 14P
   Quad LVDS Line Driver with High-ESD Tolerance and Flow-Through Pinout
Rev 0; 4/03
logo
List of Unclassifed Man...
DK-6R3D104T ETC2-DK-6R3D104T Datasheet
84Kb / 1P
   High Voltage Tolerance Capacitors
logo
Fairchild Semiconductor
MMSZ5226B FAIRCHILD-MMSZ5226B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5231B FAIRCHILD-MMSZ5231B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5232B FAIRCHILD-MMSZ5232B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5236B FAIRCHILD-MMSZ5236B Datasheet
158Kb / 5P
   5% TOLERANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com