Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SECK1FB0EY-DA Datasheet(PDF) 3 Page - Sanken electric

Part # SECK1FB0EY-DA
Description  High ESD tolerance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SECK1FB0EY-DA Datasheet(HTML) 3 Page - Sanken electric

  SECK1FB0EY-DA Datasheet HTML 1Page - Sanken electric SECK1FB0EY-DA Datasheet HTML 2Page - Sanken electric SECK1FB0EY-DA Datasheet HTML 3Page - Sanken electric SECK1FB0EY-DA Datasheet HTML 4Page - Sanken electric SECK1FB0EY-DA Datasheet HTML 5Page - Sanken electric SECK1FB0EY-DA Datasheet HTML 6Page - Sanken electric SECK1FB0EY-DA Datasheet HTML 7Page - Sanken electric SECK1FB0EY-DA Datasheet HTML 8Page - Sanken electric SECK1FB0EY-DA Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LED Data Sheet - SECK1FB0EY-DA
●Characteristic data
    SANKEN ELECTRIC COMPANY, LTD.
1
10
100
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
VF [V]
IF-VF
0.1
1.0
10.0
1
10
100
IF [mA]
IV-IF
0
5
10
15
20
25
30
35
0
10 20 30 40 50 60 70
80 90
Ta [℃]
IFmax-Ta
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
400
450
500
550
600
650
700
λ [nm]
Spectrum
Page 3 / 12


Similar Part No. - SECK1FB0EY-DA

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SECK1FB07Y-D SANKEN-SECK1FB07Y-D Datasheet
748Kb / 11P
   1.6횞0.8횞t0.7 SMD type LED
More results

Similar Description - SECK1FB0EY-DA

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SECK1WA0EY-DA SANKEN-SECK1WA0EY-DA Datasheet
207Kb / 12P
   High ESD tolerance
SECG1D07C-SD SANKEN-SECG1D07C-SD Datasheet
185Kb / 11P
   High ESD tolerance
SECG1E07C-SD SANKEN-SECG1E07C-SD Datasheet
185Kb / 11P
   High ESD tolerance
logo
Rohm
PTZTE2518B ROHM-PTZTE2518B Datasheet
155Kb / 5P
   Small power mold type. (PMDS), High ESD tolerance
logo
Maxim Integrated Produc...
MAX9178 MAXIM-MAX9178 Datasheet
310Kb / 14P
   Quad LVDS Line Driver with High-ESD Tolerance and Flow-Through Pinout
Rev 0; 4/03
logo
List of Unclassifed Man...
DK-6R3D104T ETC2-DK-6R3D104T Datasheet
84Kb / 1P
   High Voltage Tolerance Capacitors
logo
Fairchild Semiconductor
MMSZ5226B FAIRCHILD-MMSZ5226B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5231B FAIRCHILD-MMSZ5231B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5232B FAIRCHILD-MMSZ5232B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5236B FAIRCHILD-MMSZ5236B Datasheet
158Kb / 5P
   5% TOLERANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com