Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIM6812M Datasheet(PDF) 6 Page - Sanken electric

Part # SIM6812M
Description  High Voltage 3-Phase Motor Driver ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6812M Datasheet(HTML) 6 Page - Sanken electric

Back Button SIM6812M Datasheet HTML 2Page - Sanken electric SIM6812M Datasheet HTML 3Page - Sanken electric SIM6812M Datasheet HTML 4Page - Sanken electric SIM6812M Datasheet HTML 5Page - Sanken electric SIM6812M Datasheet HTML 6Page - Sanken electric SIM6812M Datasheet HTML 7Page - Sanken electric SIM6812M Datasheet HTML 8Page - Sanken electric SIM6812M Datasheet HTML 9Page - Sanken electric SIM6812M Datasheet HTML 10Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
SANKEN ELECTRIC CO., LTD.
SIM6800M-DS
Ver. 02
High Voltage 3-Phase Motor Driver ICs
SIM6800M Series
SIM6812M SWITCHING CHARACTERISTICS, valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Switching Time, High Side
tdH(on)
VBB = 300 V, VCC = 15 V, ID = 1.25 A, 0 V ≤ VHIN ≤ 5 V
910
ns
trH
100
ns
trrH
140
ns
tdH(off)
700
ns
tfH
–40–
ns
Switching Time, Low Side
tdL(on)
VBB = 300 V, VCC = 15 V, ID = 1.25 A, 0 V ≤ VLIN ≤ 5 V
875
ns
trL
110
ns
trrL
155
ns
tdL(off)
775
ns
tfL
–35–
ns
SIM6813M SWITCHING CHARACTERISTICS, valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Switching Time, High Side
tdH(on)
VBB = 300 V, VCC = 15 V, ID = 1.5 A, 0 V ≤ VHIN ≤ 5 V
820
ns
trH
100
ns
trrH
170
ns
tdH(off)
810
ns
tfH
–50–
ns
Switching Time, Low Side
tdL(on)
VBB = 300 V, VCC = 15 V, ID = 1.5 A, 0 V ≤ VLIN ≤ 5 V
760
ns
trL
130
ns
trrL
180
ns
tdL(off)
750
ns
tfL
–50–
ns
IN
10%
90%
td(on)
tr
ton
IC
trr
VCE
10%
90%
td(off)
tf
toff
Switching Time Definition


Similar Part No. - SIM6812M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SIM6812M SANKEN-SIM6812M Datasheet
2Mb / 52P
   500V / 600V High Voltage 3-phase Motor Driver ICs
SIM6812M SANKEN-SIM6812M Datasheet
2Mb / 52P
   500V / 600V High Voltage 3-phase Motor Driver ICs
More results

Similar Description - SIM6812M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SIM6800M ALLEGRO-SIM6800M Datasheet
317Kb / 16P
   High Voltage 3-Phase Motor Driver ICs
logo
Sanken electric
SMA685XM SANKEN-SMA685XM Datasheet
615Kb / 13P
   High Voltage 3-Phase Motor Driver ICs
SMA6852MZ SANKEN-SMA6852MZ Datasheet
615Kb / 13P
   High Voltage 3-Phase Motor Driver ICs
SCM1270MF SANKEN-SCM1270MF Datasheet
1Mb / 53P
   600V High Voltage 3-phase Motor Driver ICs
SIM6880M SANKEN-SIM6880M Datasheet
2Mb / 52P
   500V / 600V High Voltage 3-phase Motor Driver ICs
SIM6800M SANKEN-SIM6800M Datasheet
2Mb / 52P
   500V / 600V High Voltage 3-phase Motor Driver ICs
SPI-6631M SANKEN-SPI-6631M Datasheet
82Kb / 2P
   Low Voltage 3-Phase Brushless Motor Driver ICs
SI-7600 SANKEN-SI-7600 Datasheet
41Kb / 5P
   3-Phase Stepper Motor Driver ICs
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com