Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80-M312PMA100M7-K420A70 Datasheet(PDF) 2 Page - Vincotech

Part # 80-M312PMA100M7-K420A70
Description  Solder-free spring contact technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

80-M312PMA100M7-K420A70 Datasheet(HTML) 2 Page - Vincotech

  80-M312PMA100M7-K420A70 Datasheet HTML 1Page - Vincotech 80-M312PMA100M7-K420A70 Datasheet HTML 2Page - Vincotech 80-M312PMA100M7-K420A70 Datasheet HTML 3Page - Vincotech 80-M312PMA100M7-K420A70 Datasheet HTML 4Page - Vincotech 80-M312PMA100M7-K420A70 Datasheet HTML 5Page - Vincotech 80-M312PMA100M7-K420A70 Datasheet HTML 6Page - Vincotech 80-M312PMA100M7-K420A70 Datasheet HTML 7Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
80-M312PMA100M7-K420A70
target datasheet
17 Okt. 2016 / Revision 1
2
Copyright Vincotech
Maximum Ratings
Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Condition
Value
Unit
Inverter/Brake Diode
Peak repetitive reverse voltage
VRRM
1200
V
Continuous (direct) forward current
IF
Tj = Tjmax
Ts = 80 °C
74
A
Repetitive peak forward current
IFRM
200
A
Total power dissipation
Ptot
Tj = Tjmax
Ts = 80 °C
125
W
Maximum junction temperature
Tjmax
175
°C
Rectifier Diode
Peak Repetitive Reverse Voltage
VRRM
1600
V
Continuous (direct) forward current
IF
Tj = Tjmax
Ts = 80 °C
90
A
Surge (non-repetitive) forward current
IFSM
tp = 10 ms, sin 180°
Tj = 150 °C
890
A
Surge current capability
I2
t
3960
A
2s
Total power dissipation
Ptot
Tj = Tjmax
Ts = 80 °C
99
W
Maximum Junction Temperature
Tjmax
150
°C
Module Properties
Thermal Properties
Storage temperature
Tstg
-40…+125
°C
Operation temperature under switching condition
Tjop
-40…(Tjmax - 25)
°C
Isolation Properties
Isolation voltage
Visol
DC Test Voltage
tp = 2 s
4000
V
Creepage distance
min. 12,7
mm
Clearance
min. 12,7
mm
Comparative Tracking Index
CTI
> 200


Similar Part No. - 80-M312PMA100M7-K420A70

ManufacturerPart #DatasheetDescription
logo
Vincotech
80-M3122PA300SC-K839F42 VINCOTECH-80-M3122PA300SC-K839F42 Datasheet
396Kb / 6P
   Half bridge topology
80-M3126BA140SC02-K489G40 VINCOTECH-80-M3126BA140SC02-K489G40 Datasheet
1Mb / 21P
   Solderless interconnection
More results

Similar Description - 80-M312PMA100M7-K420A70

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
PS-105439-001 MOLEX-PS-105439-001 Datasheet
139Kb / 5P
   CONTACT SPRING
2015/03/30
PS-105384-001 MOLEX-PS-105384-001 Datasheet
185Kb / 4P
   CONTACT SPRING
2015/11/09
logo
Japan Aviation Electron...
CONT-JL05-12S-C1 JAE-CONT-JL05-12S-C1 Datasheet
63Kb / 1P
   SPRING SOCKET CONTACT
CONT-JL05-08S-C1 JAE-CONT-JL05-08S-C1 Datasheet
68Kb / 1P
   SPRING SOCKET CONTACT
logo
Winchester Electronics ...
10276 WINCHESTER-10276 Datasheet
60Kb / 1P
   SPRING LOADED CONTACT
logo
Precid-Dip Durtal SA
90621-AS PREDIP-90621-AS Datasheet
56Kb / 1P
   Spring Loaded Contact
logo
Harwin Plc
S7271-45R HARWIN-S7271-45R Datasheet
127Kb / 1P
   SMT SPRING CONTACT
logo
Infineon Technologies A...
TT120N16SOF INFINEON-TT120N16SOF Datasheet
508Kb / 11P
   Solder-Solder Technology
2017-08-23 Revision: 3.5
logo
ALPS ELECTRIC CO.,LTD.
SCTA ALPS-SCTA Datasheet
461Kb / 1P
   Spring Contact(micro clip)
logo
Infineon Technologies A...
DD180N16S INFINEON-DD180N16S Datasheet
358Kb / 10P
   Solder-Bond Technology
2017-08-24 Revision 3.3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com