Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD11N60M2-EP Datasheet(PDF) 5 Page - STMicroelectronics

Part # STD11N60M2-EP
Description  N-channel 600 V, 0.550 (ohm) typ., 7.5 A MDmesh M2 EP Power MOSFET in a DPAK package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD11N60M2-EP Datasheet(HTML) 5 Page - STMicroelectronics

  STD11N60M2-EP Datasheet HTML 1Page - STMicroelectronics STD11N60M2-EP Datasheet HTML 2Page - STMicroelectronics STD11N60M2-EP Datasheet HTML 3Page - STMicroelectronics STD11N60M2-EP Datasheet HTML 4Page - STMicroelectronics STD11N60M2-EP Datasheet HTML 5Page - STMicroelectronics STD11N60M2-EP Datasheet HTML 6Page - STMicroelectronics STD11N60M2-EP Datasheet HTML 7Page - STMicroelectronics STD11N60M2-EP Datasheet HTML 8Page - STMicroelectronics STD11N60M2-EP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STD11N60M2-EP
Electrical characteristics
DocID027667 Rev 1
5/16
Table 8: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 300 V, ID = 3.75 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 15: "Test circuit for
resistive load switching times" and
Figure 20: "Switching time
waveform")
-
9
-
ns
tr
Rise time
-
5.5
-
ns
td(off)
Turn-off-delay time
-
26
-
ns
tf
Fall time
-
8
-
ns
Table 9: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
7.5
A
ISDM
(1)
Source-drain current
(pulsed)
-
30
A
VSD
(2)
Forward on voltage
VGS = 0 V, ISD = 7.5 A
-
1.6
V
trr
Reverse recovery
time
ISD = 7.5 A, di/dt = 100 A/µs,
VDD = 60 V (see Figure 17: "Test
circuit for inductive load switching
and diode recovery times")
-
192
ns
Qrr
Reverse recovery
charge
-
1.32
µC
IRRM
Reverse recovery
current
-
13.8
A
trr
Reverse recovery
time
ISD = 7.5 A, di/dt = 100 A/µs,
VDD = 60 V, Tj = 150 °C (see Figure
17: "Test circuit for inductive load
switching and diode recovery times")
-
262
ns
Qrr
Reverse recovery
charge
-
1.74
µC
IRRM
Reverse recovery
current
-
13.3
A
Notes:
(1)
Pulse width is limited by safe operating area
(2)
Pulsed: pulse duration = 300 µs, duty cycle 1.5%


Similar Part No. - STD11N60M2-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD11N60DM2 STMICROELECTRONICS-STD11N60DM2 Datasheet
822Kb / 15P
   N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a DPAK package
More results

Similar Description - STD11N60M2-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF11N60M2-EP STMICROELECTRONICS-STF11N60M2-EP Datasheet
305Kb / 14P
   N-channel 600 V, 0.550 typ., 7.5 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
April 2018 Rev 4
STFI11N60M2-EP STMICROELECTRONICS-STFI11N60M2-EP Datasheet
303Kb / 13P
   N-channel 600 V, 0.550 Ω typ., 7.5 A MDmesh™ M2 EP Power MOSFET in an I²PAKFP package
DS11601 - Rev 3 - May 2018
STD12N60M2 STMICROELECTRONICS-STD12N60M2 Datasheet
590Kb / 19P
   N-channel 600 V, 0.395 Ω typ., 9 A MDmesh M2 Power MOSFET in a DPAK package
DS10854 - Rev 2 - April 2019
STF25N60M2-EP STMICROELECTRONICS-STF25N60M2-EP Datasheet
335Kb / 14P
   N-channel 600 V, 0.175 廓 typ., 18 A MDmesh??M2 EP Power MOSFET in a TO-220FP package
January 2015 Rev 2
STP15N60M2-EP STMICROELECTRONICS-STP15N60M2-EP Datasheet
518Kb / 14P
   N-channel 600 V, 0.340 廓 typ., 11 A MDmesh??M2 EP Power MOSFET in a TO-220 package
December 2014 Rev 2
STP25N60M2-EP STMICROELECTRONICS-STP25N60M2-EP Datasheet
253Kb / 14P
   N-channel 600 V, 0.175 廓 typ., 18 A MDmesh??M2 EP Power MOSFET in a TO-220 package
January 2015 Rev 2
STF20N60M2-EP STMICROELECTRONICS-STF20N60M2-EP Datasheet
288Kb / 14P
   N-channel 600 V, 0.230 typ., 13 A, MDmesh™ M2 EP Power MOSFET in a TO-220FP package
June 2018 Rev 4
STP20N60M2-EP STMICROELECTRONICS-STP20N60M2-EP Datasheet
276Kb / 14P
   N-channel 600 V, 0.230 typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-220 package
June 2018 Rev 3
STD5N60DM2 STMICROELECTRONICS-STD5N60DM2 Datasheet
817Kb / 15P
   N-channel 600 V, 1.38 (ohm) typ., 3.5 A MDmesh DM2 Power MOSFET in a DPAK package
STD11N60DM2 STMICROELECTRONICS-STD11N60DM2 Datasheet
822Kb / 15P
   N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a DPAK package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com