Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80-M3122PA300SC-K839F42 Datasheet(PDF) 2 Page - Vincotech

Part # 80-M3122PA300SC-K839F42
Description  Half bridge topology
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

80-M3122PA300SC-K839F42 Datasheet(HTML) 2 Page - Vincotech

  80-M3122PA300SC-K839F42 Datasheet HTML 1Page - Vincotech 80-M3122PA300SC-K839F42 Datasheet HTML 2Page - Vincotech 80-M3122PA300SC-K839F42 Datasheet HTML 3Page - Vincotech 80-M3122PA300SC-K839F42 Datasheet HTML 4Page - Vincotech 80-M3122PA300SC-K839F42 Datasheet HTML 5Page - Vincotech 80-M3122PA300SC-K839F42 Datasheet HTML 6Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
80-M3122PA300SC-K839F42
target datasheet
19 Apr. 2016 / Revision1.
2
Copyright Vincotech
Maximum Ratings
Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Condition
Value
Unit
Half Bridge FWD
Module Properties
Isolation voltage
t p = 2 s
4000
V
min. 12,7
mm
min. 12,7
mm
CTI
> 200
Comparative Tracking Index
Clearance
Creepage distance
Isolation Properties
-40…(T jmax - 25)
DC Test Voltage
°C
°C
-40…+125
V isol
Operation temperature under switching
condition
Storage temperature
Thermal Properties
T stg
T jop
Peak Repetitive Reverse Voltage
V RRM
1200
V
Continuous (direct) forward current
I F
T j = T jmax
T s = 80 °C
219
A
Total power dissipation
P tot
T j = T jmax
T s = 80 °C
365
W
Surge (non-repetitive) forward current
I FSM
tp = 10 ms 50 Hz sine
T j = 150°C
1650
A
Maximum Junction Temperature
T jmax
175
°C


Similar Part No. - 80-M3122PA300SC-K839F42

ManufacturerPart #DatasheetDescription
logo
Vincotech
80-M3126BA140SC02-K489G40 VINCOTECH-80-M3126BA140SC02-K489G40 Datasheet
1Mb / 21P
   Solderless interconnection
80-M312PMA100M7-K420A70 VINCOTECH-80-M312PMA100M7-K420A70 Datasheet
319Kb / 7P
   Solder-free spring contact technology
More results

Similar Description - 80-M3122PA300SC-K839F42

ManufacturerPart #DatasheetDescription
logo
Vincotech
80-M2072PA200SC-K705F40 VINCOTECH-80-M2072PA200SC-K705F40 Datasheet
475Kb / 6P
   Half-Bridge topology
logo
STMicroelectronics
AN2654 STMICROELECTRONICS-AN2654 Datasheet
800Kb / 26P
   CCFL backlight half-bridge topology based on L6574 and STD7NS20
logo
International Rectifier
IRF7853TRPBF IRF-IRF7853TRPBF Datasheet
214Kb / 8P
   Primary Side Switch in Bridge Topology
logo
Solid States Devices, I...
PM0027A SSDI-PM0027A_15 Datasheet
140Kb / 3P
   HALF BRIDGE
PM0028A SSDI-PM0028A Datasheet
148Kb / 3P
   HALF BRIDGE
PM0027A SSDI-PM0027A Datasheet
140Kb / 3P
   HALF BRIDGE
PM0028A SSDI-PM0028A_15 Datasheet
148Kb / 3P
   HALF BRIDGE
logo
List of Unclassifed Man...
OZ9966 ETC-OZ9966 Datasheet
219Kb / 4P
   Full-bridge or dual-forward topology
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com