Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F206NIA200SA-M105F Datasheet(PDF) 7 Page - Vincotech

Part # F206NIA200SA-M105F
Description  High power flow2 housing
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

F206NIA200SA-M105F Datasheet(HTML) 7 Page - Vincotech

Back Button F206NIA200SA-M105F Datasheet HTML 3Page - Vincotech F206NIA200SA-M105F Datasheet HTML 4Page - Vincotech F206NIA200SA-M105F Datasheet HTML 5Page - Vincotech F206NIA200SA-M105F Datasheet HTML 6Page - Vincotech F206NIA200SA-M105F Datasheet HTML 7Page - Vincotech F206NIA200SA-M105F Datasheet HTML 8Page - Vincotech F206NIA200SA-M105F Datasheet HTML 9Page - Vincotech F206NIA200SA-M105F Datasheet HTML 10Page - Vincotech F206NIA200SA-M105F Datasheet HTML 11Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
F206NIA200SA-M105F
preliminary datasheet
Figure 9
IGBT
Figure 10
IGBT
Typical switching times as a
Typical switching times as a
function of collector current
function of gate resistor
t = f(IC)
t = f(RG)
With an inductive load at
With an inductive load at
Tj =
125
°C
Tj =
125
°C
VCE =
350
V
VCE =
350
V
VGE =
±15
V
VGE =
±15
V
Rgon =
4
IC =
200
A
Rgoff =
4
Figure 11
FRED
Figure 12
FRED
Typical reverse recovery time as a
Typical reverse recovery time as a
function of collector current
function of IGBT turn on gate resistor
trr = f(Ic)
trr = f(Rgon)
At
At
Tj =
25/125
°C
Tj =
25/125
°C
VCE =
350
V
VR =
350
V
VGE =
±15
V
IF =
200
A
Rgon =
4
VGE =
±15
V
Buck
tdoff
tf
tdon
tr
0,00
0,01
0,10
1,00
0
100
200
300
400
I C (A)
trr High T
trr Low T
0,00
0,10
0,20
0,30
0,40
0,50
04
8
12
16
20
R gon (W)
tdoff
tf
tdon
tr
0,00
0,01
0,10
1,00
0
4
8
12
16
20
R G (W)
trr High T
trr Low T
0,00
0,05
0,10
0,15
0,20
0,25
0,30
0,35
0
100
200
300
400
I C (A)
7
Revision: 4
Copyright by Vincotech


Similar Part No. - F206NIA200SA-M105F

ManufacturerPart #DatasheetDescription
logo
Vincotech
F206NIA200SG-M105F25 VINCOTECH-F206NIA200SG-M105F25 Datasheet
2Mb / 24P
   Neutral-point-Clamped inverter
More results

Similar Description - F206NIA200SA-M105F

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTG-06 ADAM-TECH-MTG-06 Datasheet
87Kb / 1P
   POWER LATCH CRIMP HOUSING
MTG-06-XX ADAM-TECH-MTG-06-XX Datasheet
77Kb / 1P
   POWER LATCH CRIMP HOUSING
MTG-06-XX-V0 ADAM-TECH-MTG-06-XX-V0 Datasheet
77Kb / 1P
   POWER LATCH CRIMP HOUSING
logo
Hamamatsu Corporation
E7536 HAMAMATSU-E7536 Datasheet
67Kb / 2P
   HIGH PRECISION LAMP HOUSING
logo
Amphenol Corporation
P-MDB-E09SA-700 AMPHENOL-P-MDB-E09SA-700 Datasheet
81Kb / 1P
   HOUSING: HIGH STRENGTH THERMOPLASTIC
logo
OSRAM GmbH
LEDINSPECTPROBONNET1400 OSRAM-LEDINSPECTPROBONNET1400 Datasheet
109Kb / 3P
   High-quality aluminum housing
logo
SunLED Corporation
XNK1LUY11DSMD SUNLED-XNK1LUY11DSMD Datasheet
236Kb / 4P
   High temperature resistant housing
XNK1LUR11DSMD SUNLED-XNK1LUR11DSMD Datasheet
236Kb / 4P
   High temperature resistant housing
logo
Tyco Electronics
530521-6 MACOM-530521-6 Datasheet
176Kb / 2P
   HOUSING,HIGH-CURRENT CONNECTOR.
1604079-1 MACOM-1604079-1 Datasheet
88Kb / 1P
   HOUSING, 2X4 POWER PRODUCT RECEPTACLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com