Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLSX5011 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NLSX5011
Description  1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX5011 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NLSX5011 Datasheet HTML 4Page - ON Semiconductor NLSX5011 Datasheet HTML 5Page - ON Semiconductor NLSX5011 Datasheet HTML 6Page - ON Semiconductor NLSX5011 Datasheet HTML 7Page - ON Semiconductor NLSX5011 Datasheet HTML 8Page - ON Semiconductor NLSX5011 Datasheet HTML 9Page - ON Semiconductor NLSX5011 Datasheet HTML 10Page - ON Semiconductor NLSX5011 Datasheet HTML 11Page - ON Semiconductor NLSX5011 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NLSX5011
www.onsemi.com
8
STATIC POWER CONSUMPTION (TA = +25°C)
Symbol
Parameter
Test Conditions
VCC (V)
(Note 18)
VL (V)
(Note 19)
Typ
(Note 20)
Unit
CPD_VL
VL = Input port,
VCC = Output Port
CLoad = 0, f = 1 MHz,
EN = GND (outputs disabled)
0.9
4.5
0.01
pF
1.5
1.8
0.01
1.8
1.5
0.01
1.8
1.8
0.01
1.8
2.8
0.01
2.5
2.5
0.01
2.8
1.8
0.01
4.5
0.9
0.01
VCC = Input port,
VL = Output Port
CLoad = 0, f = 1 MHz,
EN = GND (outputs disabled)
0.9
4.5
0.01
pF
1.5
1.8
0.01
1.8
1.5
0.01
1.8
1.8
0.01
1.8
2.8
0.01
2.5
2.5
0.01
2.8
1.8
0.01
4.5
0.9
0.01
CPD_VCC
VL = Input port,
VCC = Output Port
CLoad = 0, f = 1 MHz,
EN = GND (outputs disabled)
0.9
4.5
0.01
pF
1.5
1.8
0.01
1.8
1.5
0.01
1.8
1.8
0.01
1.8
2.8
0.01
2.5
2.5
0.01
2.8
1.8
0.01
4.5
0.9
0.01
VCC = Input port,
VL = Output Port
CLoad = 0, f = 1 MHz,
EN = GND (outputs disabled)
0.9
4.5
0.01
pF
1.5
1.8
0.01
1.8
1.5
0.01
1.8
1.8
0.01
1.8
2.8
0.01
2.5
2.5
0.01
2.8
1.8
0.01
4.5
0.9
0.01
18. VCC is the supply voltage associated with the I/O VCC port, and VCC ranges from +0.9 V to 4.5 V under normal operating conditions.
19. VL is the supply voltage associated with the I/O VL port, and VL ranges from +0.9 V to 4.5 V under normal operating conditions.
20. Typical values are at TA = +25°C


Similar Part No. - NLSX5011

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX5011 ONSEMI-NLSX5011 Datasheet
161Kb / 13P
   1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2010 ??Rev. 0
NLSX5011AMX1TCG ONSEMI-NLSX5011AMX1TCG Datasheet
161Kb / 13P
   1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2010 ??Rev. 0
NLSX5011BMX1TCG ONSEMI-NLSX5011BMX1TCG Datasheet
161Kb / 13P
   1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2010 ??Rev. 0
NLSX5011MUTCG ONSEMI-NLSX5011MUTCG Datasheet
161Kb / 13P
   1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2010 ??Rev. 0
More results

Similar Description - NLSX5011

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX5011 ONSEMI-NLSX5011 Datasheet
161Kb / 13P
   1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2010 ??Rev. 0
NLSX5012 ONSEMI-NLSX5012 Datasheet
171Kb / 14P
   2-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2010 ??Rev. 1
NLSX3018 ONSEMI-NLSX3018 Datasheet
177Kb / 12P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2009 ??Rev. 0
NLSX4014 ONSEMI-NLSX4014 Datasheet
180Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2009 ??Rev. 3
NLSX3013 ONSEMI-NLSX3013_17 Datasheet
96Kb / 10P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2017 ??Rev. 4
NLSX3013 ONSEMI-NLSX3013_15 Datasheet
95Kb / 10P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
January, 2015 ??Rev. 3
NLSX5014 ONSEMI-NLSX5014_18 Datasheet
172Kb / 14P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
April, 2018 ??Rev. 8
NLSX5004 ONSEMI-NLSX5004 Datasheet
236Kb / 16P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
February, 2021 ??Rev. 1
NLSX3018 ONSEMI-NLSX3018_13 Datasheet
150Kb / 12P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2013 ??Rev. 2
NLSX4014 ONSEMI-NLSX4014_15 Datasheet
112Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com