Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63CTQ100 Datasheet(PDF) 3 Page - International Rectifier

Part # 63CTQ100
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

63CTQ100 Datasheet(HTML) 3 Page - International Rectifier

  63CTQ100 Datasheet HTML 1Page - International Rectifier 63CTQ100 Datasheet HTML 2Page - International Rectifier 63CTQ100 Datasheet HTML 3Page - International Rectifier 63CTQ100 Datasheet HTML 4Page - International Rectifier 63CTQ100 Datasheet HTML 5Page - International Rectifier 63CTQ100 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
63CTQ100
Bulletin PD-20635 rev. A 12/01
3
www.irf.com
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Reverse Voltage - V
R (V)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Forward Voltage Drop - V
FM (V)
Reverse Voltage - V
R (V)
Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
t1, Rectangular Pulse Duration (Seconds)
Fig. 2 - Typical Values of Reverse Current
Vs. Reverse Voltage
1
10
100
1000
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
Tj = 175˚C
Tj = 125˚C
Tj = 25˚C
0.0001
0.001
0.01
0.1
1
10
100
1000
0
204060
80
100
125˚C
100˚C
75˚C
50˚C
25˚C
Tj = 175˚C
150˚C
100
1000
0
2040
6080
100
Tj = 25˚C
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
Single Pulse
(Thermal Resistance)
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
Notes:
1. Duty factor D = t1/ t2
2. Peak Tj = Pdm x ZthJC + Tc
2
t
1
t
P
DM


Similar Part No. - 63CTQ100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
63CTQ100 VISHAY-63CTQ100 Datasheet
108Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
63CTQ100-N3 VISHAY-63CTQ100-N3 Datasheet
163Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 29-Aug-11
logo
International Rectifier
63CTQ100G IRF-63CTQ100G Datasheet
131Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
63CTQ100G VISHAY-63CTQ100G Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
logo
Thinki Semiconductor Co...
63CTQ100G THINKISEMI-63CTQ100G Datasheet
988Kb / 3P
   60Ampere,100Volt Heat Sink Dual Common Cathode Schottky Barrier Rectifiers
More results

Similar Description - 63CTQ100

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com