Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9535ECMTTXG Datasheet(PDF) 5 Page - ON Semiconductor

Part # PCA9535ECMTTXG
Description  16-bit Low-Power I/O Expander
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCA9535ECMTTXG Datasheet(HTML) 5 Page - ON Semiconductor

  PCA9535ECMTTXG Datasheet HTML 1Page - ON Semiconductor PCA9535ECMTTXG Datasheet HTML 2Page - ON Semiconductor PCA9535ECMTTXG Datasheet HTML 3Page - ON Semiconductor PCA9535ECMTTXG Datasheet HTML 4Page - ON Semiconductor PCA9535ECMTTXG Datasheet HTML 5Page - ON Semiconductor PCA9535ECMTTXG Datasheet HTML 6Page - ON Semiconductor PCA9535ECMTTXG Datasheet HTML 7Page - ON Semiconductor PCA9535ECMTTXG Datasheet HTML 8Page - ON Semiconductor PCA9535ECMTTXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
PCA9535E, PCA9535EC
www.onsemi.com
5
Table 4. DC ELECTRICAL CHARACTERISTICS VDD = 1.65 V to 5.5 V, unless otherwise specified.
Symbol
Parameter
Conditions
TA = −555C to +1255C
Unit
Min
Typ
Max
SUPPLIES
ISTB
Standby Current (Note 6)
Standby mode; no load;
VI = 0 V; fSCL = 0 Hz; I/O = inputs
VI = VDD; fSCL = 0 Hz; I/O = inputs
39
39
100
100
mA
VPOR
Power−On Reset Voltage (Note 7)
1.5
1.65
V
INPUT SCL; INPUT / OUTPUT SDA
VIH
High−Level Input Voltage
0.7 x VDD
V
VIL
Low−Level Input Voltage
0.3 x VDD
V
IOL
Low−Level Output Current
VOL = 0.4 V; VDD < 2.3 V
VOL = 0.4 V; VDD w 2.3 V
10
20
mA
IL
Leakage Current
VI = VDD or 0 V
$1
mA
CI
Input Capacitance
VI = 0 V
4.6
6
pF
I/Os
VIH
High−Level Input Voltage
0.7 x VDD
V
VIL
Low−Level Input Voltage
0.3 x VDD
V
IOL
Low−Level Output Current
(Note 8)
VOL = 0.5 V; VDD = 1.65 V
8
20
mA
VOL = 0.5 V; VDD = 2.3 V
12
28
VOL = 0.5 V; VDD = 3.0 V
17
35
VOL = 0.5 V; VDD = 4.5 V
25
42
IOL(tot)
Total Low−Level Output Current
(Note 8)
VOL = 0.5 V; VDD = 4.5 V
400
mA
VOH
High−Level Output Voltage
(PCA9535E Only)
IOH = −3 mA; VDD = 1.65 V
1.2
V
IOH = −4 mA; VDD = 1.65 V
1.1
IOH = −8 mA; VDD = 2.3 V
1.8
IOH = −10 mA; VDD = 2.3 V
1.7
IOH = −8 mA; VDD = 3.0 V
2.6
IOH = −10 mA; VDD = 3.0 V
2.5
IOH = −8 mA; VDD = 4.5 V
4.1
IOH = −10 mA; VDD = 4.5 V
4.0
IL
Input Leakage Current
VDD = 5.5 V; VI = VDD or 0 V
$1
mA
CI/O
Input / Output Capacitance
(Note 9)
3.7
5
pF
INTERRUPT (INT)
IOL
Low−Level Output Current
VOL = 0.4 V
6
mA
CO
Output Capacitance
2.1
5
pF
INPUTS AD0, AD1, AD2
VIH
High−Level Input Voltage
0.7 x VDD
V
VIL
Low−Level Input Voltage
0.3 x VDD
V
IL
Leakage Current
VI = VDD or 0 V
$1
mA
CI
Input Capacitance
2.4
5
pF
6. The device is in standby mode after an I2C stop command.
7. The power−on reset circuit resets the I2C bus logic with VDD < VPOR and set all I/Os to logic 1 upon power−up. Thereafter, VDD must
be lower than 0.2 V to reset the part.
8. Each bit must be limited to a maximum of 25 mA and the total package limited to 400 mA due to internal busing limits.
9. The value is not tested, but verified on sampling basis.


Similar Part No. - PCA9535ECMTTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCA9535ECMTTXG ONSEMI-PCA9535ECMTTXG Datasheet
210Kb / 20P
   16-bit Low-Power I/O Expander for I2C Bus withInterrupt
August, 2012 ??Rev. 2
PCA9535ECMTTXG ONSEMI-PCA9535ECMTTXG Datasheet
178Kb / 20P
   16-bit Low-Power I/O Expander for I2C Bus
March, 2017 ??Rev. 7
More results

Similar Description - PCA9535ECMTTXG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
logo
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
   16-BIT I/O EXPANDER
logo
Microchip Technology
MCP23016 MICROCHIP-MCP23016 Datasheet
569Kb / 38P
   16-Bit I2C??I/O Expander
2007
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E_17 Datasheet
171Kb / 20P
   Remote 16-bit I/O Expander
March, 2017 ??Rev. 5
logo
Microchip Technology
MCP23016T-I MICROCHIP-MCP23016T-I Datasheet
424Kb / 38P
   16-Bit I2C I/O Expander
12/08/06
logo
ON Semiconductor
PCA9655E ONSEMI-PCA9655E Datasheet
170Kb / 20P
   Remote 16-bit I/O Expander
January, 2016 ??Rev. 4
logo
Princeton Technology Co...
PT8300 PTC-PT8300 Datasheet
56Kb / 4P
   16-Bit I/O Expander IC
PT8300 PTC-PT8300_10 Datasheet
427Kb / 19P
   16-Bit I/O Expander IC
logo
ON Semiconductor
PCA9535E ONSEMI-PCA9535E_17 Datasheet
178Kb / 20P
   16-bit Low-Power I/O Expander for I2C Bus
March, 2017 ??Rev. 7
logo
Kinetic Technologies.
KTS1622 KINETIC-KTS1622 Datasheet
1Mb / 28P
   Low Voltage 16-Bit I2C-bus I/O Expander
April 2020 - Revision 04d
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com