Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLSX5011MUTCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLSX5011MUTCG
Description  1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX5011MUTCG Datasheet(HTML) 1 Page - ON Semiconductor

  NLSX5011MUTCG Datasheet HTML 1Page - ON Semiconductor NLSX5011MUTCG Datasheet HTML 2Page - ON Semiconductor NLSX5011MUTCG Datasheet HTML 3Page - ON Semiconductor NLSX5011MUTCG Datasheet HTML 4Page - ON Semiconductor NLSX5011MUTCG Datasheet HTML 5Page - ON Semiconductor NLSX5011MUTCG Datasheet HTML 6Page - ON Semiconductor NLSX5011MUTCG Datasheet HTML 7Page - ON Semiconductor NLSX5011MUTCG Datasheet HTML 8Page - ON Semiconductor NLSX5011MUTCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2015
November, 2015 − Rev. 6
1
Publication Order Number:
NLSX5011/D
NLSX5011
1-Bit 100 Mb/s Configurable
Dual-Supply Level
Translator
The NLSX5011 is a 1-bit configurable dual-supply autosensing
bidirectional level translator that does not require a direction control
pin. The I/O VCC- and I/O VL-ports are designed to track two
different power supply rails, VCC and VL respectively. Both the VCC
and the VL supply rails are configurable from 0.9 V to 4.5 V. This
allows a logic signal on the VL side to be translated to either a higher
or a lower logic signal voltage on the VCC side, and vice-versa.
The NLSX5011 offers the feature that the values of the VCC and VL
supplies are independent. Design flexibility is maximized because
VL can be set to a value either greater than or less than the VCC
supply. In contrast, the majority of competitive auto sense translators
have a restriction that the value of the VL supply must be equal to less
than (VCC - 0.4) V.
The NLSX5011 has high output current capability, which allows
the translator to drive high capacitive loads such as most high
frequency EMI filters. Another feature of the NLSX5011 is that each
I/O_VLn and I/O_VCCn channel can function as either an input or an
output.
An Output Enable (EN) input is available to reduce the power
consumption. The EN pin can be used to disable both I/O ports by
putting them in 3-state which significantly reduces the supply current
from both VCC and VL. The EN signal is referenced to the VL supply.
Features
Wide VCC, VL Operating Range: 0.9 V to 4.5 V
VL and VCC are independent
− VL may be greater than, equal to, or less than VCC
High 100 pF Capacitive Drive Capability
High−Speed with 140 Mb/s Guaranteed Date Rate
for VCC, VL > 1.8 V
Low Bit−to−Bit Skew
Overvoltage Tolerant Enable and I/O Pins
Non−preferential Power−Up Sequencing
Power−Off Protection
Small packaging: ULLGA6 & UDFN6 Packages
These are Pb−Free Devices
Typical Applications
Mobile Phones, PDAs, Other Portable Devices
Important Information
ESD Protection for All Pins:
HBM (Human Body Model) > 8000 V
MARKING
DIAGRAMS
E, P, D = Specific Device Code
M = Date Code
1
ULLGA6, 1.45x1.0
AMX1 SUFFIX
CASE 613AF
ULLGA6, 1.2x1.0
BMX1 SUFFIX
CASE 613AE
1
M
M
UDFN6, 1.2 x 1.0
MU SUFFIX
CASE 517AA
UDFN6, 1.45 x 1.0
AMU SUFFIX
CASE 517AQ
1
M
1
M
See detailed ordering and shipping information in the ordering
information section on page 2 of this data sheet.
ORDERING INFORMATION
www.onsemi.com


Similar Part No. - NLSX5011MUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX5011MUTCG ONSEMI-NLSX5011MUTCG Datasheet
161Kb / 13P
   1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2010 ??Rev. 0
More results

Similar Description - NLSX5011MUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX5011 ONSEMI-NLSX5011 Datasheet
161Kb / 13P
   1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2010 ??Rev. 0
NLSX5012 ONSEMI-NLSX5012 Datasheet
171Kb / 14P
   2-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2010 ??Rev. 1
NLSX3018 ONSEMI-NLSX3018 Datasheet
177Kb / 12P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2009 ??Rev. 0
NLSX4014 ONSEMI-NLSX4014 Datasheet
180Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2009 ??Rev. 3
NLSX3013 ONSEMI-NLSX3013_17 Datasheet
96Kb / 10P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2017 ??Rev. 4
NLSX3013 ONSEMI-NLSX3013_15 Datasheet
95Kb / 10P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
January, 2015 ??Rev. 3
NLSX5014 ONSEMI-NLSX5014_18 Datasheet
172Kb / 14P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
April, 2018 ??Rev. 8
NLSX5004 ONSEMI-NLSX5004 Datasheet
236Kb / 16P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
February, 2021 ??Rev. 1
NLSX3018 ONSEMI-NLSX3018_13 Datasheet
150Kb / 12P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2013 ??Rev. 2
NLSX4014 ONSEMI-NLSX4014_15 Datasheet
112Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com