Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPB80N08S2L-07 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPB80N08S2L-07
Description  OptiMOS??Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB80N08S2L-07 Datasheet(HTML) 7 Page - Infineon Technologies AG

  IPB80N08S2L-07 Datasheet HTML 1Page - Infineon Technologies AG IPB80N08S2L-07 Datasheet HTML 2Page - Infineon Technologies AG IPB80N08S2L-07 Datasheet HTML 3Page - Infineon Technologies AG IPB80N08S2L-07 Datasheet HTML 4Page - Infineon Technologies AG IPB80N08S2L-07 Datasheet HTML 5Page - Infineon Technologies AG IPB80N08S2L-07 Datasheet HTML 6Page - Infineon Technologies AG IPB80N08S2L-07 Datasheet HTML 7Page - Infineon Technologies AG IPB80N08S2L-07 Datasheet HTML 8Page - Infineon Technologies AG IPB80N08S2L-07 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IPB80N08S2L-07
IPP80N08S2L-07
13 Typical avalanche energy
14 Typ. gate charge
E AS = f(T j)
V GS = f(Q gate); I D = 80 A pulsed
parameter: I D
parameter: V DD
15 Typ. drain-source breakdown voltage
16 Gate charge waveforms
V BR(DSS) = f(T j); I D = 1 mA
80 A
40 A
20 A
0
500
1000
1500
2000
2500
3000
3500
25
75
125
175
T j [°C]
V GS
Q gate
Q gs
Q gd
Q g
V GS
Q gate
Q gs
Q gd
Q g
15V
60V
0
2
4
6
8
10
12
0
40
80
120
160
200
Q gate [nC]
66
71
76
81
86
-60
-20
20
60
100
140
180
T j [°C]
Rev. 1.1
page 7
2014-03-07


Similar Part No. - IPB80N08S2L-07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB80N08S2L-07 INFINEON-IPB80N08S2L-07 Datasheet
154Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-03
logo
Inchange Semiconductor ...
IPB80N08S2L-07 ISC-IPB80N08S2L-07 Datasheet
363Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPB80N08S2L-07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com