Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLSV2T244MUTAG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLSV2T244MUTAG
Description  2-Bit Dual-Supply Non-Inverting Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSV2T244MUTAG Datasheet(HTML) 5 Page - ON Semiconductor

  NLSV2T244MUTAG Datasheet HTML 1Page - ON Semiconductor NLSV2T244MUTAG Datasheet HTML 2Page - ON Semiconductor NLSV2T244MUTAG Datasheet HTML 3Page - ON Semiconductor NLSV2T244MUTAG Datasheet HTML 4Page - ON Semiconductor NLSV2T244MUTAG Datasheet HTML 5Page - ON Semiconductor NLSV2T244MUTAG Datasheet HTML 6Page - ON Semiconductor NLSV2T244MUTAG Datasheet HTML 7Page - ON Semiconductor NLSV2T244MUTAG Datasheet HTML 8Page - ON Semiconductor NLSV2T244MUTAG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NLSV2T244
www.onsemi.com
5
TOTAL STATIC POWER CONSUMPTION (ICCA + ICCB)
−40
5C to +855C
VCCB (V)
4.5
3.3
2.8
1.8
0.9
VCCA (V)
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Unit
4.5
2
2
2
2
< 1.5
μA
3.3
2
2
2
2
< 1.5
μA
2.8
< 2
< 1
< 1
< 0.5
< 0.5
μA
1.8
< 1
< 1
< 0.5
< 0.5
< 0.5
μA
0.9
< 0.5
< 0.5
< 0.5
< 0.5
< 0.5
μA
NOTE:
Connect ground before applying supply voltage VCCA or VCCB. This device is designed with the feature that the power−up
sequence of VCCA and VCCB will not damage the IC.
AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
VCCA (V)
−40
5C to +855C
Unit
VCCB (V)
4.5
3.3
2.8
1.8
1.2
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tPLH,
tPHL
(Note 1)
Propagation
Delay,
An to Bn
4.5
1.6
1.8
2.0
2.1
2.3
nS
3.3
1.7
1.9
2.1
2.3
2.6
2.8
1.9
2.1
2.3
2.5
2.8
1.8
2.1
2.4
2.5
2.7
3.0
1.2
2.4
2.7
2.8
3.0
3.3
tPZH,
tPZL
(Note 1)
Output
Enable,
OE to Bn
4.5
2.6
3.8
4.0
4.1
4.3
nS
3.3
3.7
3.9
4.1
4.3
4.6
2.5
3.9
4.1
4.3
4.5
4.8
1.8
4.1
4.4
4.5
4.7
5.0
1.2
4.4
4.7
4.8
5.0
5.3
tPHZ,
tPLZ
(Note 1)
Output
Disable,
OE to Bn
4.5
2.6
3.8
4.0
4.1
4.3
nS
3.3
3.7
3.9
4.1
4.3
4.6
2.5
3.9
4.1
4.3
4.5
4.8
1.8
4.1
4.4
4.5
4.7
5.0
1.2
4.4
4.7
4.8
5.0
5.3
tOSHL,
tOSLH
(Note 1)
Output to
Output
Skew,
Time
4.5
0.15
0.15
0.15
0.15
0.15
nS
3.3
0.15
0.15
0.15
0.15
0.15
2.5
0.15
0.15
0.15
0.15
0.15
1.8
0.15
0.15
0.15
0.15
0.15
1.2
0.15
0.15
0.15
0.15
0.15
1. Propagation delays defined per Figure 2.
CAPACITANCE
Symbol
Parameter
Test Conditions
Typ (Note 2)
Unit
CIN
Control Pin Input Capacitance
VCCA = VCCB = 3.3 V, VI = 0 V or VCCA/B
3.5
pF
CI/O
I/O Pin Input Capacitance
VCCA = VCCB = 3.3 V, VI = 0 V or VCCA/B
5.0
pF
CPD
Power Dissipation Capacitance
VCCA = VCCB = 3.3 V, VI = 0 V or VCCA, f = 10 MHz
20
pF
2. Typical values are at TA = +25°C.
3. CPD is defined as the value of the IC’s equivalent capacitance from which the operating current can be calculated from:
ICC(operating) ^ CPD x VCC x fIN x NSW where ICC = ICCA + ICCB and NSW = total number of outputs switching.


Similar Part No. - NLSV2T244MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV2T244MUTAG ONSEMI-NLSV2T244MUTAG Datasheet
165Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
December, 2009 ??Rev. 1
NLSV2T244MUTAG ONSEMI-NLSV2T244MUTAG Datasheet
144Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
More results

Similar Description - NLSV2T244MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV2T244 ONSEMI-NLSV2T244_12 Datasheet
144Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
NLSV2T244 ONSEMI-NLSV2T244 Datasheet
165Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
December, 2009 ??Rev. 1
NLSV22T244 ONSEMI-NLSV22T244_12 Datasheet
143Kb / 8P
   Dual 2-Bit Dual-Supply Non-Inverting Level Translator
June, 2009 ??Rev. 3
NLSV22T244 ONSEMI-NLSV22T244 Datasheet
143Kb / 8P
   Dual 2-Bit Dual-Supply Non-Inverting Level Translator
June, 2009 ??Rev. 3
NLSV2T240 ONSEMI-NLSV2T240 Datasheet
98Kb / 6P
   2-Bit Dual-Supply Inverting Level Translator
July, 2007 - Rev. 0
NLSV2T240 ONSEMI-NLSV2T240_12 Datasheet
119Kb / 6P
   2-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 1
NLSV4T3144 ONSEMI-NLSV4T3144_15 Datasheet
83Kb / 7P
   4-Bit Dual-Supply Non-Inverting Level Translator
June, 2015 ??Rev. 1
NLSV8T244 ONSEMI-NLSV8T244 Datasheet
171Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
June, 2009 ??Rev. 1
NLSV1T244 ONSEMI-NLSV1T244 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Non-Inverting Level Translator
November, 2007 - Rev. 1
NLSV8T244 ONSEMI-NLSV8T244_12 Datasheet
150Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
February, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com