Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLSV4T244DR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLSV4T244DR2G
Description  4-Bit Dual-Supply Non-Inverting Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSV4T244DR2G Datasheet(HTML) 6 Page - ON Semiconductor

  NLSV4T244DR2G Datasheet HTML 1Page - ON Semiconductor NLSV4T244DR2G Datasheet HTML 2Page - ON Semiconductor NLSV4T244DR2G Datasheet HTML 3Page - ON Semiconductor NLSV4T244DR2G Datasheet HTML 4Page - ON Semiconductor NLSV4T244DR2G Datasheet HTML 5Page - ON Semiconductor NLSV4T244DR2G Datasheet HTML 6Page - ON Semiconductor NLSV4T244DR2G Datasheet HTML 7Page - ON Semiconductor NLSV4T244DR2G Datasheet HTML 8Page - ON Semiconductor NLSV4T244DR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NLSV4T244
www.onsemi.com
6
Figure 3. AC (Propagation Delay) Test Circuit
DUT
Pulse
Generator
VCC
CL
RL
RL
VCCO x 2
OPEN
GND
Test
Switch
tPLH, tPHL
OPEN
tPLZ, tPZL
VCCO x 2
tPHZ, tPZH
GND
CL = 15 pF or equivalent (includes probe and jig capacitance)
RL = 2 kW or equivalent
ZOUT of pulse generator = 50 W
Figure 4. AC (Propagation Delay) Test Circuit Waveforms
Input (An)
Output (Bn)
OEn
Vm
Vm
Vm
Vm
Vm
Vm
Vm
Vm
tPLH
tPHL
VIH
0 V
VOH
VOL
VIH
0 V
VOH
VY
VOL
VX
tPZH
tPZL
tPHZ
tPLZ
≈ 0 V
≈ VCC
Waveform 1 − Propagation Delays
tR = tF = 2.0 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
Waveform 2 − Output Enable and Disable Times
tR = tF = 2.0 ns, 10% to 90%; f = 1 MHz; tW = 500 ns
Output (Bn)
Output (Bn)
Symbol
VCC
3.0 V – 4.5 V
2.3 V − 2.7 V
1.65 V − 1.95 V
1.4 V − 1.6 V
0.9 V − 1.3 V
VmA
VCCA/2
VCCA/2
VCCA/2
VCCA/2
VCCA/2
VmB
VCCB/2
VCCB/2
VCCB/2
VCCB/2
VCCB/2
VX
VOL + 10% VOH
VOL + 10% VOH
VOL + 10% VOH
VOL + 10% VOH
VOL + 10% VOH
VY
VOH x 0.9
VOH x 0.9
VOH x 0.9
VOH x 0.9
VOH x 0.9


Similar Part No. - NLSV4T244DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV4T244DR2G ONSEMI-NLSV4T244DR2G Datasheet
148Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 4
More results

Similar Description - NLSV4T244DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV4T3144 ONSEMI-NLSV4T3144_15 Datasheet
83Kb / 7P
   4-Bit Dual-Supply Non-Inverting Level Translator
June, 2015 ??Rev. 1
NLSV4T244 ONSEMI-NLSV4T244_12 Datasheet
148Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 4
NLSV4T244E ONSEMI-NLSV4T244E Datasheet
150Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
June, 2011 ??Rev. 1
NLSV4T3144 ONSEMI-NLSV4T3144 Datasheet
123Kb / 7P
   4-Bit Dual-Supply Non-Inverting Level Translator
March, 2013 ??Rev. 0
NLSV4T244 ONSEMI-NLSV4T244 Datasheet
170Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
December, 2009 ??Rev. 3
SLSV4T244 ONSEMI-SLSV4T244 Datasheet
81Kb / 8P
   4-Bit Dual-Supply Non-Inverting Level Translator
March, 2015 ??Rev. 0
NLSV8T244 ONSEMI-NLSV8T244 Datasheet
171Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
June, 2009 ??Rev. 1
NLSV1T244 ONSEMI-NLSV1T244 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Non-Inverting Level Translator
November, 2007 - Rev. 1
NLSV2T244 ONSEMI-NLSV2T244_12 Datasheet
144Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
NLSV8T244 ONSEMI-NLSV8T244_12 Datasheet
150Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
February, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com