Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2878P Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2878P
Description  LM2878 Dual 5 Watt Power Audio Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2878P Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2878P Datasheet HTML 1Page - National Semiconductor (TI) LM2878P Datasheet HTML 2Page - National Semiconductor (TI) LM2878P Datasheet HTML 3Page - National Semiconductor (TI) LM2878P Datasheet HTML 4Page - National Semiconductor (TI) LM2878P Datasheet HTML 5Page - National Semiconductor (TI) LM2878P Datasheet HTML 6Page - National Semiconductor (TI) LM2878P Datasheet HTML 7Page - National Semiconductor (TI) LM2878P Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Connection Diagram
Single-In-Line Package
TLH7934 – 5
Top View
Pin 6 must be connected to GND
Order Number LM2878P
See NS Package Number P11A
Application Hints
The LM2878 is an improved LM378 in typical audio applica-
tions In the LM2878 the internal voltage regulator for the
input stage is generated from the voltage on pin 1 Normally
the input common-mode range is within g07V of this pin 1
voltage Nevertheless the common-mode range can be in-
creased by externally forcing the voltage on pin 1 One way
to do this is to short pin 1 to the positive supply pin 11
The only special care required with the LM2878 is to limit
the maximum input differential voltage to g7V If this differ-
ential voltage is exceeded the input characteristics may
change
Figure 2 shows a power op amp application with AV e 1
The 100k and 10k resistors set a noise gain of 10 and are
dictated by amplifier stability The 10k resistor is boot-
strapped by the feedback so the input resistance is domi-
nated by the 1 MX resistor
TLH7934 – 6
FIGURE 2 Operational Power Amplifier AV e 1
5


Similar Part No. - LM2878P

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2876 NSC-LM2876 Datasheet
565Kb / 19P
   Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM2876 NSC-LM2876 Datasheet
658Kb / 22P
   Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
[Old version datasheet]   Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
logo
National Semiconductor ...
LM2876T NSC-LM2876T Datasheet
565Kb / 19P
   Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM2876TF NSC-LM2876TF Datasheet
565Kb / 19P
   Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
More results

Similar Description - LM2878P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TBA800 FAIRCHILD-TBA800 Datasheet
351Kb / 7P
   5-WATT AUDIO AMPLIFIER
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
logo
National Semiconductor ...
LM377 NSC-LM377 Datasheet
37Kb / 1P
   Dual 2 watt Audio Amplifier
logo
AiT Semiconductor Inc.
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
logo
STMicroelectronics
TDA7491LP STMICROELECTRONICS-TDA7491LP Datasheet
1Mb / 37P
   2 x 5-watt dual BTL class-D audio amplifier
TDA7491LP13TR STMICROELECTRONICS-TDA7491LP13TR Datasheet
1Mb / 37P
   2 x 5-watt dual BTL class-D audio amplifier
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8890 LYONTEK-LY8890 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_13 Datasheet
1Mb / 17P
   2.7 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com