Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVXT4053DR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74LVXT4053DR2G
Description  Analog Multiplexer/ Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4053DR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC74LVXT4053DR2G Datasheet HTML 3Page - ON Semiconductor MC74LVXT4053DR2G Datasheet HTML 4Page - ON Semiconductor MC74LVXT4053DR2G Datasheet HTML 5Page - ON Semiconductor MC74LVXT4053DR2G Datasheet HTML 6Page - ON Semiconductor MC74LVXT4053DR2G Datasheet HTML 7Page - ON Semiconductor MC74LVXT4053DR2G Datasheet HTML 8Page - ON Semiconductor MC74LVXT4053DR2G Datasheet HTML 9Page - ON Semiconductor MC74LVXT4053DR2G Datasheet HTML 10Page - ON Semiconductor MC74LVXT4053DR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MC74LVXT4053
www.onsemi.com
7
Figure 7. Maximum Off Channel Feedthrough Isolation, Test Set−Up
Figure 8. Maximum Common−Channel Feedthrough Isolation, Test Set−Up
OFF
ON
6
7
8
VCC
VEE
9 − 11
All untested Analog I/O pins
HP11667B
Pwr Splitter
HP4195A
Network Anl
0.1 mF
S1 R1 T1
0.1 mF
50 KW
100 KW
VIS
16
Config = Network
Format = T/R (dB)
CAL = Trans Cal
Display = Rectan X*A)B
Scale Ref = Auto Scale
View = Off, Off, Off
Trig = Cont Mode
Source Amplitude = )13 dB
Reference Attenuation = 20 dB
Test Attenuation = 0 dB
VISO(dB) = 20 log (VT1/VR1)
6
7
8
VCC
VEE
9 − 11
All untested Analog I/O pins
HP11667B
Pwr Splitter
HP4195A
Network Anl
0.1 mF
S1 R1 T1
0.1 mF
50 W
100 KW
VIS
16
Config = Network
Format = T/R (dB)
CAL = Trans Cal
Display = Rectan X*A)B
Scale Ref = Auto Scale
View = Off, Off, Off
Trig = Cont Mode
Source Amplitude = )13 dB
Reference Attenuation = 20 dB
Test Attenuation = 0 dB
VISOC(dB) = 20 log (VT1/VR1)
ON
50 KW
OFF
Channel Selects
connected to address
pins on HP4195A and
appropriately configured
to test each switch.
Channel Selects
connected to address
pins on HP4195A and
appropriately configured
to test each switch.


Similar Part No. - MC74LVXT4053DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT4053DR2G ONSEMI-MC74LVXT4053DR2G Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
More results

Similar Description - MC74LVXT4053DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com