Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT138ADG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74HCT138ADG
Description  1-of-8 Decoder/ Demultiplexer with LSTTL Compatible Inputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT138ADG Datasheet(HTML) 3 Page - ON Semiconductor

  MC74HCT138ADG Datasheet HTML 1Page - ON Semiconductor MC74HCT138ADG Datasheet HTML 2Page - ON Semiconductor MC74HCT138ADG Datasheet HTML 3Page - ON Semiconductor MC74HCT138ADG Datasheet HTML 4Page - ON Semiconductor MC74HCT138ADG Datasheet HTML 5Page - ON Semiconductor MC74HCT138ADG Datasheet HTML 6Page - ON Semiconductor MC74HCT138ADG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC74HCT138A
www.onsemi.com
3
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
Vin, Vout
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
–55
+125
_C
tr, tf
Input Rise and Fall Time (Figure 1)
0
500
ns
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Symbol
Parameter
Test Conditions
VCC
V
Guaranteed Limit
Unit
−55 to
25
_C
≤ 85_C
≤ 125_C
VIH
Minimum High−Level Input
Voltage
Vout = 0.1 V or VCC – 0.1 V
|Iout| ≤ 20 mA
4.5
5.5
2.0
2.0
2.0
2.0
2.0
2.0
V
VIL
Maximum Low−Level Input
Voltage
Vout = 0.1 V or VCC – 0.1 V
|Iout| ≤ 20 mA
4.5
5.5
0.8
0.8
0.8
0.8
0.8
0.8
V
VOH
Minimum High−Level Output
Voltage
Vin = VIH or VIL
|Iout| ≤ 20 mA
4.5
5.5
4.4
5.4
4.4
5.4
4.4
5.4
V
Vin = VIH or VIL
|Iout| ≤ 4.0 mA
4.5
3.98
3.84
3.7
VOL
Maximum Low−Level Output
Voltage
Vin = VIH or VIL
|Iout| ≤ 20 mA
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH or VIL
|Iout| ≤ 4.0 mA
4.5
0.26
0.33
0.4
Iin
Maximum Input Leakage Current
Vin = VCC or GND
6.0
±0.1
±1.0
±1.0
mA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0 mA
5.5
4.0
40
160
mA
DICC
Additional Quiescent Supply
Current
Vin = 2.4 V, Any One Input
Vin = VCC or GND, Other Inputs
lout = 0 mA
5.5
≥ −55_C
25
_C to 125_C
mA
2.9
2.4
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0 V ±10%, CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
Guaranteed Limit
Unit
−55 to
25
_C
≤ 85_C
≤ 125_C
tPLH,
tPHL
Maximum Propagation Delay, Input A to Output Y
(Figures 1 and 4)
30
38
45
ns
tPLH,
tPHL
Maximum Propagation Delay, CS1 to Output Y
(Figures 2 and 4)
27
34
41
ns
tPLH,
tPHL
Maximum Output Transition Time, CS2 or CS3 to Output Y
(Figures 3 and 4)
30
38
45
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 2 and 4)
15
19
22
ns
tr, tf
Maximum Input Rise and Fall Time
500
500
500
ns
Cin
Maximum Input Capacitance
10
10
10
pF
CPD
Power Dissipation Capacitance (Per Enabled Output)*
Typical @ 25
°C, VCC = 5.0 V
pF
51
* Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC.


Similar Part No. - MC74HCT138ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT138ADG ONSEMI-MC74HCT138ADG Datasheet
102Kb / 8P
   1?뭥f?? Decoder/ Demultiplexer with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 8
More results

Similar Description - MC74HCT138ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT138A ONSEMI-MC74HCT138A Datasheet
218Kb / 6P
   1-of-8 Decoder/Demultiplexer with LSTTL Compatible Inputs
1995 REV 6
logo
Motorola, Inc
MC74HCT138A MOTOROLA-MC74HCT138A Datasheet
218Kb / 6P
   1-of-8 Decoder/Demultiplexer with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HCT138A ONSEMI-MC74HCT138A_05 Datasheet
102Kb / 8P
   1?뭥f?? Decoder/ Demultiplexer with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 8
MC74VHC259 ONSEMI-MC74VHC259_06 Datasheet
229Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL-Compatible Inputs
March, 2006 -- Rev. 3
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
logo
Fairchild Semiconductor
74LCX138 FAIRCHILD-74LCX138 Datasheet
76Kb / 12P
   Low Voltage 1-of-8 Decoder/Demultiplexer with 5V Tolerant Inputs
logo
Hitachi Semiconductor
HD74AC138 HITACHI-HD74AC138 Datasheet
66Kb / 11P
   1-of-8 Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com