Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC595AMNTWG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HC595AMNTWG
Description  8-Bit Serial-Input/Serial or Parallel-Output Shift Register
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC595AMNTWG Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HC595AMNTWG Datasheet HTML 1Page - ON Semiconductor MC74HC595AMNTWG Datasheet HTML 2Page - ON Semiconductor MC74HC595AMNTWG Datasheet HTML 3Page - ON Semiconductor MC74HC595AMNTWG Datasheet HTML 4Page - ON Semiconductor MC74HC595AMNTWG Datasheet HTML 5Page - ON Semiconductor MC74HC595AMNTWG Datasheet HTML 6Page - ON Semiconductor MC74HC595AMNTWG Datasheet HTML 7Page - ON Semiconductor MC74HC595AMNTWG Datasheet HTML 8Page - ON Semiconductor MC74HC595AMNTWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MC74HC595A
www.onsemi.com
5
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
–55 to 25
_C
≤ 85_C
≤ 125_C
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 1 and 7)
2.0
3.0
4.5
6.0
6.0
15
30
35
4.8
10
24
28
4.0
8.0
20
24
MHz
tPLH,
tPHL
Maximum Propagation Delay, Shift Clock to SQH
(Figures 1 and 7)
2.0
3.0
4.5
6.0
140
100
28
24
175
125
35
30
210
150
42
36
ns
tPHL
Maximum Propagation Delay, Reset to SQH
(Figures 2 and 7)
2.0
3.0
4.5
6.0
145
100
29
25
180
125
36
31
220
150
44
38
ns
tPLH,
tPHL
Maximum Propagation Delay, Latch Clock to QA − QH
(Figures 3 and 7)
2.0
3.0
4.5
6.0
140
100
28
24
175
125
35
30
210
150
42
36
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to QA − QH
(Figures 4 and 8)
2.0
3.0
4.5
6.0
150
100
30
26
190
125
38
33
225
150
45
38
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to QA − QH
(Figures 4 and 8)
2.0
3.0
4.5
6.0
135
90
27
23
170
110
34
29
205
130
41
35
ns
tTLH,
tTHL
Maximum Output Transition Time, QA − QH
(Figures 3 and 7)
2.0
3.0
4.5
6.0
60
23
12
10
75
27
15
13
90
31
18
15
ns
tTLH,
tTHL
Maximum Output Transition Time, SQH
(Figures 1 and 7)
2.0
3.0
4.5
6.0
75
27
15
13
95
32
19
16
110
36
22
19
ns
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum Three−State Output Capacitance (Output in
High−Impedance State), QA − QH
15
15
15
pF
CPD
Power Dissipation Capacitance (Per Package)*
Typical @ 25
°C, VCC = 5.0 V
pF
300


Similar Part No. - MC74HC595AMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC595A ONSEMI-MC74HC595A Datasheet
248Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
MC74HC595A ONSEMI-MC74HC595A Datasheet
124Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 9
MC74HC595A ONSEMI-MC74HC595A Datasheet
158Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
July, 2013 ??Rev. 15
logo
ARTSCHIP ELECTRONICS CO...
MC74HC595A ARTSCHIP-MC74HC595A Datasheet
1Mb / 10P
   High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74HC595AD ONSEMI-MC74HC595AD Datasheet
248Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
More results

Similar Description - MC74HC595AMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A Datasheet
112Kb / 12P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register
July, 2000 ??Rev. 4
logo
System Logic Semiconduc...
SL74HC165 SLS-SL74HC165 Datasheet
67Kb / 7P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
SL74HC166 SLS-SL74HC166 Datasheet
63Kb / 6P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
logo
ON Semiconductor
MC74HC595ADTR2G ONSEMI-MC74HC595ADTR2G Datasheet
159Kb / 11P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register
September, 2012 ??Rev. 14
logo
Motorola, Inc
MC54-74HC165A MOTOROLA-MC54-74HC165A Datasheet
288Kb / 9P
   8-BIT SERIAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC597A ONSEMI-MC74HC597A Datasheet
150Kb / 12P
   8-Bit Serial or Parallel- Input/Serial-Output Shift Register
July, 2013 ??Rev. 3
MC74HC165A ONSEMI-MC74HC165A_16 Datasheet
135Kb / 12P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
October, 2014 ??Rev. 9
logo
Integral Corp.
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
ON Semiconductor
MC74HC164B ONSEMI-MC74HC164B Datasheet
97Kb / 9P
   8-Bit Serial-Input/Parallel- Output Shift Register
March, 2016 ??Rev. 2
logo
System Logic Semiconduc...
SL74LS164 SLS-SL74LS164 Datasheet
36Kb / 4P
   8-Bit Serial-Input/Parallel-Output Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com