Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC151ADTR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74HC151ADTR2G
Description  8-Input Data Selector/Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC151ADTR2G Datasheet(HTML) 3 Page - ON Semiconductor

  MC74HC151ADTR2G Datasheet HTML 1Page - ON Semiconductor MC74HC151ADTR2G Datasheet HTML 2Page - ON Semiconductor MC74HC151ADTR2G Datasheet HTML 3Page - ON Semiconductor MC74HC151ADTR2G Datasheet HTML 4Page - ON Semiconductor MC74HC151ADTR2G Datasheet HTML 5Page - ON Semiconductor MC74HC151ADTR2G Datasheet HTML 6Page - ON Semiconductor MC74HC151ADTR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC74HC151A
www.onsemi.com
3
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
− 55 to
25
°C
v 85°C
v 125°C
tPLH,
tPHL
Maximum Propagation Delay, Input D to Output Y
(Figures 2 and 7)
2.0
4.5
6.0
170
34
29
215
43
37
255
51
43
ns
tPLH,
tPHL
Maximum Propagation Delay, Input D to Output Y
(Figures 4 and 7)
2.0
4.5
6.0
185
37
31
230
46
39
280
56
48
ns
tPLH,
tPHL
Maximum Propagation Delay, Input D to Output Y
(Figures 3 and 7)
2.0
4.5
6.0
185
37
31
230
46
39
280
56
48
ns
tPLH,
tPHL
Maximum Propagation Delay, Input A to Output Y
(Figures 3 and 7)
2.0
4.5
6.0
205
41
35
255
51
43
310
62
53
ns
tPLH,
tPHL
Maximum Propagation Delay, Input D to Output Y
(Figures 5 and 7)
2.0
4.5
6.0
125
25
21
155
31
26
190
38
32
ns
tPLH,
tPHL
Maximum Propagation Delay, Strobe to Output Y
(Figures 6 and 7)
2.0
4.5
6.0
125
25
21
155
31
26
190
38
32
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 2, 4 and 7)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
Cin
Maximum Input Capacitance
10
10
10
pF
CPD
Power Dissipation Capacitance (Per Package)
Typical @ 25
°C, VCC = 5.0 V
pF
36
PIN DESCRIPTIONS
INPUTS
D0, D1,
… , D7 (Pins 4, 3, 2, 1, 15, 14, 13, 12)
Data inputs. Data on any one of these eight binary inputs
may be selected to appear on the output.
CONTROL INPUTS
A0, A1, A2 (Pins 11, 10, 9)
Address inputs. The data on these pins are the binary
address of the selected input (see the Function Table).
Strobe (Pin 7)
Strobe. This input pin must be at a low level for the
selected data to appear at the outputs. If the Strobe pin is
high, the Y output is forced to a low level and the Y output
is forced to a high level.
OUTPUTS
Y, Y (Pins 5, 6)
Data outputs. The selected data is presented at these pins
in both true (Y output) and complemented (Y output) forms.


Similar Part No. - MC74HC151ADTR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC151 MOTOROLA-MC74HC151 Datasheet
91Kb / 6P
   8-INPUT DATA SELECTOR / MULTIPLEXER
MC74HC151D MOTOROLA-MC74HC151D Datasheet
91Kb / 6P
   8-INPUT DATA SELECTOR / MULTIPLEXER
MC74HC151N MOTOROLA-MC74HC151N Datasheet
91Kb / 6P
   8-INPUT DATA SELECTOR / MULTIPLEXER
More results

Similar Description - MC74HC151ADTR2G

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC151 SLS-SL74HC151 Datasheet
57Kb / 5P
   8-Input Data Selector/Multiplexer
logo
Integral Corp.
IN74HC151 INTEGRAL-IN74HC151 Datasheet
160Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER
IN74ACT151 INTEGRAL-IN74ACT151 Datasheet
194Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER
logo
Motorola, Inc
MC74HC151 MOTOROLA-MC74HC151 Datasheet
91Kb / 6P
   8-INPUT DATA SELECTOR / MULTIPLEXER
logo
ON Semiconductor
MC74HC251ADG ONSEMI-MC74HC251ADG Datasheet
146Kb / 9P
   8-Input Data Selector Multiplexer with
January, 2010 ??Rev. 0
logo
Integral Corp.
IN74ACT251 INTEGRAL-IN74ACT251 Datasheet
192Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC54-74HC251 MOTOROLA-MC54-74HC251 Datasheet
213Kb / 7P
   8-Input Data Selector/Multiplexer with 3-State Outputs
logo
System Logic Semiconduc...
SL74HC251 SLS-SL74HC251 Datasheet
52Kb / 5P
   8-Input Data Selector/Multiplexer with 3-State Outputs
logo
Integral Corp.
IN74HC251A INTEGRAL-IN74HC251A Datasheet
148Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74HC153 MOTOROLA-MC74HC153 Datasheet
180Kb / 5P
   Dual 4-Input Data Selector/Multiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com