Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC373DWR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74AC373DWR2G
Description  Octal Transparent Latch with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC373DWR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC74AC373DWR2G Datasheet HTML 2Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 3Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 4Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 5Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 6Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 7Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 8Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 9Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC74AC373, MC74ACT373
www.onsemi.com
6
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74ACT
74ACT
Unit
Conditions
TA = +25°C
TA =
−40
°C to +85°C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
4.5
1.5
2.0
2.0
V
VOUT = 0.1 V
5.5
1.5
2.0
2.0
or VCC − 0.1 V
VIL
Maximum Low Level
Input Voltage
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
5.5
1.5
0.8
0.8
or VCC − 0.1 V
VOH
Minimum High Level
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = −50 mA
5.5
5.49
5.4
5.4
*VIN = VIL or VIH
4.5
3.86
3.76
V
IOH
−24 mA
5.5
4.86
4.76
−24 mA
VOL
Maximum Low Level
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 mA
5.5
0.001
0.1
0.1
*VIN = VIL or VIH
4.5
0.36
0.44
V
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
mA
VI = VCC, GND
DICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1 V
IOZ
Maximum
3-State
Current
VI (OE) = VIL, VIH
5.5
±0.5
±5.0
mA
VI = VCC, GND
VO = VCC, GND
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
8.0
80
mA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.


Similar Part No. - MC74AC373DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC373DWR2G ONSEMI-MC74AC373DWR2G Datasheet
117Kb / 12P
   Octal Transparent Latch with 3?뭆tate Outputs
November, 2006 ??Rev. 8
More results

Similar Description - MC74AC373DWR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373_07 Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC533 MOTOROLA-MC74AC533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74AC373 FAIRCHILD-74AC373 Datasheet
122Kb / 10P
   Octal Transparent Latch with 3-STATE Outputs
74ACT373SJX FAIRCHILD-74ACT373SJX Datasheet
466Kb / 14P
   Octal Transparent Latch with 3-STATE Outputs
74F533 FAIRCHILD-74F533 Datasheet
80Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
NXP Semiconductors
HEF40373B_CNV PHILIPS-HEF40373B_CNV_15 Datasheet
90Kb / 7P
   Octal transparent latch with 3-state outputs
January 1995
logo
Motorola, Inc
MC74AC373 MOTOROLA-MC74AC373 Datasheet
212Kb / 8P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com