Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC373DWR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74AC373DWR2G
Description  Octal Transparent Latch with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC373DWR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC74AC373DWR2G Datasheet HTML 2Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 3Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 4Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 5Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 6Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 7Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 8Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 9Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC74AC373, MC74ACT373
www.onsemi.com
7
AC CHARACTERISTICS (For Figures and Waveforms − See AND8277/D at www.onsemi.com)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
Dn to On
5.0
2.5
8.5
10
1.5
11.5
ns
3−5
tPHL
Propagation Delay
Dn to On
5.0
2.0
8.0
10
1.5
11.5
ns
3−5
tPLH
Propagation Delay
LE to On
5.0
2.5
8.5
11
2.0
11.5
ns
3−6
tPHL
Propagation Delay
LE to On
5.0
2.0
8.0
10
1.5
11.5
ns
3−6
tPZH
Output Enable Time
5.0
2.0
8.0
9.5
1.5
10.5
ns
3−7
tPZL
Output Enable Time
5.0
2.0
7.5
9.0
1.5
10.5
ns
3−8
tPHZ
Output Disable Time
5.0
2.5
9.0
11
2.5
12.5
ns
3−7
tPLZ
Output Disable Time
5.0
1.5
7.5
8.5
1.0
10
ns
3−8
*Voltage Range 5.0 V is 5.0 V
±0.5 V.
AC OPERATING REQUIREMENTS (For Figures and Waveforms − See AND8277/D at www.onsemi.com)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Typ
Guaranteed Minimum
ts
Setup Time, HIGH or LOW
Dn to LE
5.0
3.0
7.0
8.0
ns
3−9
th
Hold Time, HIGH or LOW
Dn to LE
5.0
0
0
1.0
ns
3−9
tw
LE Pulse Width, HIGH
5.0
2.0
7.0
8.0
ns
3−6
*Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
40
pF
VCC = 5.0 V


Similar Part No. - MC74AC373DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC373DWR2G ONSEMI-MC74AC373DWR2G Datasheet
117Kb / 12P
   Octal Transparent Latch with 3?뭆tate Outputs
November, 2006 ??Rev. 8
More results

Similar Description - MC74AC373DWR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373_07 Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC533 MOTOROLA-MC74AC533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74AC373 FAIRCHILD-74AC373 Datasheet
122Kb / 10P
   Octal Transparent Latch with 3-STATE Outputs
74ACT373SJX FAIRCHILD-74ACT373SJX Datasheet
466Kb / 14P
   Octal Transparent Latch with 3-STATE Outputs
74F533 FAIRCHILD-74F533 Datasheet
80Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
NXP Semiconductors
HEF40373B_CNV PHILIPS-HEF40373B_CNV_15 Datasheet
90Kb / 7P
   Octal transparent latch with 3-state outputs
January 1995
logo
Motorola, Inc
MC74AC373 MOTOROLA-MC74AC373 Datasheet
212Kb / 8P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com