Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC373DWR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC74AC373DWR2G
Description  Octal Transparent Latch with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC373DWR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC74AC373DWR2G Datasheet HTML 2Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 3Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 4Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 5Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 6Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 7Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 8Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 9Page - ON Semiconductor MC74AC373DWR2G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MC74AC373, MC74ACT373
www.onsemi.com
10
PACKAGE DIMENSIONS
SOIC−20W
DW SUFFIX
CASE 751D−05
ISSUE G
20
1
11
10
B
20X
C
18X
A1
A
SEATING
PLANE
q
E
D
M
0.25
S
A
S
B
T
e
T
B
A
DIM
MIN
MAX
MILLIMETERS
A
2.35
2.65
A1
0.10
0.25
B
0.35
0.49
C
0.23
0.32
D
12.65
12.95
E
7.40
7.60
e
1.27 BSC
H
10.05
10.55
h
0.25
0.75
L
0.50
0.90
q
0
7
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
3. DIMENSIONS D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE PROTRUSION
SHALL BE 0.13 TOTAL IN EXCESS OF B
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
__
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
MC74AC373/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.


Similar Part No. - MC74AC373DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC373DWR2G ONSEMI-MC74AC373DWR2G Datasheet
117Kb / 12P
   Octal Transparent Latch with 3?뭆tate Outputs
November, 2006 ??Rev. 8
More results

Similar Description - MC74AC373DWR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373_07 Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC533 MOTOROLA-MC74AC533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74AC373 FAIRCHILD-74AC373 Datasheet
122Kb / 10P
   Octal Transparent Latch with 3-STATE Outputs
74ACT373SJX FAIRCHILD-74ACT373SJX Datasheet
466Kb / 14P
   Octal Transparent Latch with 3-STATE Outputs
74F533 FAIRCHILD-74F533 Datasheet
80Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
NXP Semiconductors
HEF40373B_CNV PHILIPS-HEF40373B_CNV_15 Datasheet
90Kb / 7P
   Octal transparent latch with 3-state outputs
January 1995
logo
Motorola, Inc
MC74AC373 MOTOROLA-MC74AC373 Datasheet
212Kb / 8P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com