Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150EBU02 Datasheet(PDF) 2 Page - International Rectifier

Part # 150EBU02
Description  Ultrafast Soft Recovery Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

150EBU02 Datasheet(HTML) 2 Page - International Rectifier

  150EBU02 Datasheet HTML 1Page - International Rectifier 150EBU02 Datasheet HTML 2Page - International Rectifier 150EBU02 Datasheet HTML 3Page - International Rectifier 150EBU02 Datasheet HTML 4Page - International Rectifier 150EBU02 Datasheet HTML 5Page - International Rectifier 150EBU02 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
150EBU02
Final PD-20741 rev. A 01/01
2
VBR, Vr
Breakdown Voltage,
200
-
-
V
IR = 100µA
Blocking Voltage
VF
Forward Voltage
-
0.99 1.13
V
IF = 150A
-
0.79 0.90
V
IF = 150A, TJ = 175°C
IR
Reverse Leakage Current
-
-
50
µA
VR = VR Rated
--
2
mA
TJ = 150°C, VR = VR Rated
CT
Junction Capacitance
-
180
-
pF
VR = 200V
LS
Series Inductance
-
3.5
-
nH
Measured lead to lead 5mm from package body
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameters
Min Typ Max Units Test Conditions
trr
Reverse Recovery Time
--
45
ns
IF = 1.0A, diF/dt = 200A/µs, VR = 30V
-34-
TJ = 25°C
-58-
TJ = 125°C
IRRM
Peak Recovery Current
-
4.5
-
A
TJ = 25°C
-
9.0
-
TJ = 125°C
Qrr
Reverse Recovery Charge
-
87
-
nC
TJ = 25°C
-
300
-
TJ = 125°C
Dynamic Recovery Characteristics @ TJ = 25°C (unless otherwise specified)
I
F = 150A
VR = 160V
diF /dt = 200A/µs
Parameters
Min Typ Max Units Test Conditions
Parameters
Min
Typ
Max
Units
RthJC
Thermal Resistance, Junction to Case
0.35
K/W
RthCS #
Thermal Resistance, Case to Heatsink
0.2
Wt
Weight
5.02
g
0.18
(oz)
T
Mounting Torque
1.2
2.4
N * m
10
20
lbf.in
Thermal - Mechanical Characteristics
#"
Mounting Surface, Flat, Smooth and Greased


Similar Part No. - 150EBU02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150EBU02 VISHAY-150EBU02 Datasheet
113Kb / 7P
   Ultrafast Soft Recovery Diode, 150 A FRED PtTM
Revision: 30-Oct-08
150EBU02 VISHAY-150EBU02 Datasheet
134Kb / 8P
   Ultrafast Soft Recovery Diode, 150 A FRED Pt®
Revision: 15-Jun-11
150EBU02 VISHAY-150EBU02_11 Datasheet
134Kb / 8P
   Ultrafast Soft Recovery Diode, 150 A FRED Pt®
Revision: 15-Jun-11
More results

Similar Description - 150EBU02

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com