Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC257 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74AC257
Description  Quad 2-Input Multiplexer with 3-State Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC257 Datasheet(HTML) 3 Page - ON Semiconductor

  MC74AC257 Datasheet HTML 1Page - ON Semiconductor MC74AC257 Datasheet HTML 2Page - ON Semiconductor MC74AC257 Datasheet HTML 3Page - ON Semiconductor MC74AC257 Datasheet HTML 4Page - ON Semiconductor MC74AC257 Datasheet HTML 5Page - ON Semiconductor MC74AC257 Datasheet HTML 6Page - ON Semiconductor MC74AC257 Datasheet HTML 7Page - ON Semiconductor MC74AC257 Datasheet HTML 8Page - ON Semiconductor MC74AC257 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC74AC257, MC74ACT257
www.onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
*0.5 ≤ VCC +0.5
V
VO
DC Output Voltage (Note 1)
*0.5 ≤ VCC +0.5
V
IIK
DC Input Diode Current
±20
mA
IOK
DC Output Diode Current
±50
mA
IO
DC Output Sink/Source Current
±50
mA
ICC
DC Supply Current per Output Pin
±50
mA
IGND
DC Ground Current per Output Pin
±50
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction temperature under Bias
+150
°C
qJA
Thermal Resistance (Note 2)
SOIC
TSSOP
69.1
103.8
°C/W
PD
Power Dissipation in Still Air at 65
°C (Note 3)
SOIC
TSSOP
500
500
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 30% − 35%
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 4)
Machine Model (Note 5)
Charged Device Model (Note 6)
> 2000
> 200
> 1000
V
ILatch−Up
Latch−Up Performance
Above VCC and Below GND at 85°C (Note 7)
±100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. IO absolute maximum rating must be observed.
2. The package thermal impedance is calculated in accordance with JESD51−7.
3. 500 mW at 65
°C; derate to 300 mW by 10 mW/ from 65°C to 85°C.
4. Tested to EIA/JESD22−A114−A.
5. Tested to EIA/JESD22−A115−A.
6. Tested to JESD22−C101−A.
7. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
′AC
2.0
5.0
6.0
V
′ACT
4.5
5.0
5.5
VIN, VOUT
DC Input Voltage, Output Voltage (Ref. to GND)
0
VCC
V
tr, tf
Input Rise and Fall Time (Note 1)
′AC Devices except Schmitt Inputs
VCC @ 3.0 V
150
VCC @ 4.5 V
40
ns/V
VCC @ 5.5 V
25
tr, tf
Input Rise and Fall Time (Note 2)
′ACT Devices except Schmitt Inputs
VCC @ 4.5 V
10
ns/V
VCC @ 5.5 V
8.0
TA
Operating Ambient Temperature Range
−40
25
85
°C
IOH
Output Current − High
−24
mA
IOL
Output Current − Low
24
mA
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
1. 1.
Vin from 30% to 70% VCC; see individual Data Sheets for devices that differ from the typical input rise and fall times.
2. 2. Vin from 0.8 V to 2.0 V; see individual Data Sheets for devices that differ from the typical input rise and fall times.


Similar Part No. - MC74AC257

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC257 ONSEMI-MC74AC257 Datasheet
182Kb / 12P
   Quad 2?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 7
MC74AC257D ONSEMI-MC74AC257D Datasheet
182Kb / 12P
   Quad 2?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 7
MC74AC257DR2 ONSEMI-MC74AC257DR2 Datasheet
182Kb / 12P
   Quad 2?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 7
MC74AC257DT ONSEMI-MC74AC257DT Datasheet
182Kb / 12P
   Quad 2?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 7
MC74AC257DTR2 ONSEMI-MC74AC257DTR2 Datasheet
182Kb / 12P
   Quad 2?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 7
More results

Similar Description - MC74AC257

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS257B MOTOROLA-SN54LS257B Datasheet
182Kb / 6P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CY74FCT257T TI-CY74FCT257T Datasheet
330Kb / 12P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F257A MOTOROLA-MC74F257A Datasheet
78Kb / 3P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258 Datasheet
90Kb / 8P
   Quad 2-Input Multiplexer with 3-STATE Outputs
74F257ASCX FAIRCHILD-74F257ASCX Datasheet
80Kb / 7P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CY74FCT257T TI1-CY74FCT257T_15 Datasheet
378Kb / 15P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC257 FAIRCHILD-74AC257 Datasheet
97Kb / 9P
   Quad 2-Input Multiplexer with 3-STATE Outputs
74F257A FAIRCHILD-74F257A Datasheet
79Kb / 7P
   Quad 2-Input Multiplexer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com