Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC253 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74AC253
Description  Dual 4-Input Multiplexer with 3-State Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC253 Datasheet(HTML) 5 Page - ON Semiconductor

  MC74AC253_15 Datasheet HTML 1Page - ON Semiconductor MC74AC253_15 Datasheet HTML 2Page - ON Semiconductor MC74AC253_15 Datasheet HTML 3Page - ON Semiconductor MC74AC253_15 Datasheet HTML 4Page - ON Semiconductor MC74AC253_15 Datasheet HTML 5Page - ON Semiconductor MC74AC253_15 Datasheet HTML 6Page - ON Semiconductor MC74AC253_15 Datasheet HTML 7Page - ON Semiconductor MC74AC253_15 Datasheet HTML 8Page - ON Semiconductor MC74AC253_15 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC74AC253, MC74ACT253
www.onsemi.com
5
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
2.0
15.5
2.0
17.5
ns
3−6
Sn to Zn
5.0
2.0
11.0
1.5
12.5
tPHL
Propagation Delay
3.3
2.5
16.0
2.0
18.0
ns
3−6
Sn to Zn
5.0
2.0
11.5
1.5
13.0
tPLH
Propagation Delay
3.3
1.5
14.5
1.5
17.0
ns
3−5
In to Zn
5.0
1.5
10.0
1.5
11.5
tPHL
Propagation Delay
3.3
2.0
13.0
1.5
15.0
ns
3−5
In to Zn
5.0
1.5
9.5
1.5
11.0
tPZH
Output Enable Time
3.3
1.5
8.0
1.0
8.5
ns
3−7
5.0
1.5
6.0
1.0
6.5
tPZL
Output Enable Time
3.3
1.5
8.0
1.0
9.0
ns
3−8
5.0
1.5
6.0
1.0
7.0
tPHZ
Output Disable Time
3.3
2.0
9.5
1.5
10.0
ns
3−7
5.0
2.0
8.0
1.5
8.5
tPLZ
Output Disable Time
3.3
1.5
8.0
1.0
9.0
ns
3−8
5.0
1.5
7.0
1.0
7.5
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
*Voltage Range 5.0 V is 5.0 V
±0.5 V.


Similar Part No. - MC74AC253_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC253D ONSEMI-MC74AC253D Datasheet
182Kb / 11P
   Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
MC74AC253DR2 ONSEMI-MC74AC253DR2 Datasheet
182Kb / 11P
   Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
MC74AC253DT ONSEMI-MC74AC253DT Datasheet
182Kb / 11P
   Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
MC74AC253DTR2 ONSEMI-MC74AC253DTR2 Datasheet
182Kb / 11P
   Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
MC74AC253M ONSEMI-MC74AC253M Datasheet
182Kb / 11P
   Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
More results

Similar Description - MC74AC253_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_00 Datasheet
102Kb / 9P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253_00 Datasheet
80Kb / 7P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS353 MOTOROLA-SN54LS353 Datasheet
192Kb / 6P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT253 AVG-DV74ACT253 Datasheet
321Kb / 4P
   Dual 4-Input Multiplexer with 3-State Outputs
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_07 Datasheet
326Kb / 12P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253 Datasheet
58Kb / 6P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC5474F253 MOTOROLA-MC5474F253 Datasheet
69Kb / 3P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
SN54LS253 MOTOROLA-SN54LS253 Datasheet
166Kb / 5P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com