Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC253 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74AC253
Description  Dual 4-Input Multiplexer with 3-State Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC253 Datasheet(HTML) 2 Page - ON Semiconductor

  MC74AC253 Datasheet HTML 1Page - ON Semiconductor MC74AC253 Datasheet HTML 2Page - ON Semiconductor MC74AC253 Datasheet HTML 3Page - ON Semiconductor MC74AC253 Datasheet HTML 4Page - ON Semiconductor MC74AC253 Datasheet HTML 5Page - ON Semiconductor MC74AC253 Datasheet HTML 6Page - ON Semiconductor MC74AC253 Datasheet HTML 7Page - ON Semiconductor MC74AC253 Datasheet HTML 8Page - ON Semiconductor MC74AC253 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC74AC253, MC74ACT253
www.onsemi.com
2
TRUTH TABLE
Select
Inputs
Data Inputs
Output
Enable
Outputs
S0
S1
I0
I1
I2
I3
OE
Z
X
X
X
X
X
X
H
Z
L
L
L
X
X
X
L
L
L
L
H
X
X
X
L
H
H
L
X
L
X
X
L
L
H
L
X
H
X
X
L
H
L
H
X
X
L
X
L
L
L
H
X
X
H
X
L
H
H
H
X
X
X
L
L
L
H
H
X
X
X
H
L
H
Address inputs S0 and S1 are common to both sections.
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Z = High Impedance
FUNCTIONAL DESCRIPTION
The MC74AC253/74ACT253 contains two identical
4−input multiplexers with 3−state outputs. They select two
bits from four sources selected by common Select inputs (S0,
S1). The 4−input multiplexers have individual Output
Enable (OEa, OEb) inputs which, when HIGH, force the
outputs to a high impedance (High Z) state. This device is the
logic implementation of a 2−pole, 4−position switch, where
the position of the switch is determined by the logic levels
supplied to the two select inputs. The logic equations for the
outputs are shown:
Za = OEa•(I0a•S1•S0+I1a•S1•S0+
I2a•S1•S0+I3a•S1•S0)
Zb = OEb•(I0b•S1•S0+I1b•S1•S0+
I2b•S1•S0+I3b•S1•S0)
If the outputs of 3−state devices are tied together, all but
one device must be in the high impedance state to avoid high
currents that would exceed the maximum ratings. Designers
should ensure that Output Enable signals to 3−state devices
whose outputs are tied together are designed so that there is
no overlap.
OEb
I3b
I2b
I1b
I0b
S0
S1
I3a
I2a
Zb
Za
I1a
I0a
OEa
NOTE:
This diagram is provided only for the understanding of logic operations
and should not be used to estimate propagation delays.
Figure 3. Logic Diagram
Figure 2. Logic Symbol
S0
S1
OEa I0a I1a I2a I3a
Za
Zb
I0b I1b I2b I3b OEb


Similar Part No. - MC74AC253

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC253 ONSEMI-MC74AC253 Datasheet
182Kb / 11P
   Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
MC74AC253D ONSEMI-MC74AC253D Datasheet
182Kb / 11P
   Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
MC74AC253DR2 ONSEMI-MC74AC253DR2 Datasheet
182Kb / 11P
   Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
MC74AC253DT ONSEMI-MC74AC253DT Datasheet
182Kb / 11P
   Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
MC74AC253DTR2 ONSEMI-MC74AC253DTR2 Datasheet
182Kb / 11P
   Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
More results

Similar Description - MC74AC253

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253 Datasheet
88Kb / 8P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC74AC353 MOTOROLA-MC74AC353 Datasheet
195Kb / 8P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_00 Datasheet
102Kb / 9P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253_00 Datasheet
80Kb / 7P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS353 MOTOROLA-SN54LS353 Datasheet
192Kb / 6P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT253 AVG-DV74ACT253 Datasheet
321Kb / 4P
   Dual 4-Input Multiplexer with 3-State Outputs
logo
Fairchild Semiconductor
74AC253 FAIRCHILD-74AC253_07 Datasheet
326Kb / 12P
   Dual 4-Input Multiplexer with 3-STATE Outputs
74F253 FAIRCHILD-74F253 Datasheet
58Kb / 6P
   Dual 4-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
MC5474F253 MOTOROLA-MC5474F253 Datasheet
69Kb / 3P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
SN54LS253 MOTOROLA-SN54LS253 Datasheet
166Kb / 5P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com