Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT138F-600E Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # BT138F-600E
Description  4Q Triac
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

BT138F-600E Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  BT138F-600E Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. BT138F-600E Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. BT138F-600E Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. BT138F-600E Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. BT138F-600E Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 of 5
Description
Triacs is fabricated using separation diffusion processes ,the
junction termination areas are passivated with glass. Thanks to
highly sensitive triggering levels and reliability,the Triacs series is
suitable for domestic lighting ,heating and motor speed controllers.
Symbol
BT138(F)-600E/800E
4Q Triac
Ordering Information
Part No.
Package
Packing
TO-220
50pcs / Tube
Apr,2015-REV.00
www.sddydz.com
Applications
Domestic lighting ,heating and motor speed controllers.
BT138-600E
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive Peak Off State Voltage
BT138-600E
VDRM
V
RMS On-state Current (Full sine wave; Tmb≤107°C)
IT(RMS)
..
A
Non-Repetitive Peak. On-State Current (Full sine
wave; Tj=25°C prior to surge)
t=20ms
ITSM
95
A
I2t For Fusing
t=10ms
I2t
45
A2s
Rate of Rise of On-state Current
ITM=20A;IG=0.2A,dIG/dt=0.2A/µs
T2+G+
T2+G-
T2-G-
T2-G+
dIT /dt
50
50
50
10
A/µs
2
A
Peak Gate Current
IGM
5
W
Peak Gate Power
PGM
Average Gate Power (Over any 20ms period)
PG(AV)
0.5
W
Operating Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
-40~150
°C
TO-220
50pcs / Tube
BT138-800E
BT138-800E
600
6
800*
8
-600
-800
Peak Gate Voltage
VGM
5
V
*Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may switch
to the on-state. The rate of rise of current should not exceed 6A/
µs.
ITO-220
50pcs / Tube
BT138F-600E
ITO-220
50pcs / Tube
BT138F-800E


Similar Part No. - BT138F-600E

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
BT138F-600E DYELEC-BT138F-600E Datasheet
1Mb / 5P
   Domestic lighting ,heating and motor speed controllers.
More results

Similar Description - BT138F-600E

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
BTB06F-600T DYELEC-BTB06F-600T Datasheet
1Mb / 3P
   4Q Triac
logo
WeEn Semiconductors
BT138B-600 WEEN-BT138B-600 Datasheet
261Kb / 13P
   4Q Triac
BT138Y-800E WEEN-BT138Y-800E Datasheet
267Kb / 13P
   4Q Triac
BT139B-800G WEEN-BT139B-800G Datasheet
488Kb / 13P
   4Q Triac
BT234X-800D WEEN-BT234X-800D Datasheet
472Kb / 13P
   4Q Triac
BTA41-600B WEEN-BTA41-600B Datasheet
867Kb / 12P
   4Q Triac
BTA41-800B WEEN-BTA41-800B Datasheet
702Kb / 12P
   4Q Triac
MAC97A6 WEEN-MAC97A6 Datasheet
335Kb / 12P
   4Q Triac
MAC97A8 WEEN-MAC97A8 Datasheet
577Kb / 12P
   4Q Triac
Z0107MN0 WEEN-Z0107MN0 Datasheet
323Kb / 14P
   4Q Triac
Z0107NA0 WEEN-Z0107NA0 Datasheet
383Kb / 13P
   4Q Triac
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com