Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GF1640MC Datasheet(PDF) 4 Page - DIYI Electronic Technology Co., Ltd.

Part # GF1640MC
Description  16A Schottky Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

GF1640MC Datasheet(HTML) 4 Page - DIYI Electronic Technology Co., Ltd.

  GF1640MC Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. GF1640MC Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. GF1640MC Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. GF1640MC Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Important Notice and Disclaimer
Reproducing and modifying information of the document is prohibited without permission
from DIYI.
DIYI reserves the right to make changes to this document and its products and
specifications at any time without notice. Customers should obtain and confirm the
latest product information and specifications before final design, purchase or use.
DIYI disclaims any and all liability arising out of the application or use of
any product including damages incidentally and consequentially occurred.
DIYI does not assume any and all implied warranties, including warranties of fitness for
particular purpose, non-infringement and merchantability.
Applications shown on the herein document are examples of standard use and
operation. Customers are responsible in comprehending the suitable use in particular
applications.
DIYI makes no representation or warranty that such applications will be suitable for the
specified use without further testing or modification.
The products shown herein are not designed and authorized for equipmentsrequiring high
level of reliability or relating to human life and for any applications concerning life-saving
or life-sustaining, such as medical instruments, transportation equipment, aerospace
machinery et cetera. Customers using or selling these products for use in such applications
do so at their own risk and agree to fully indemnify DIYI for any damages resulting from such
improper use or sale.
Since DIYI uses lot number as the tracking base, please provide the lot number for tracking
when complaining.
4 / 4
Mar.2015-REV.00
www.dyelec.com
GF1640MC


Similar Part No. - GF1640MC

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
GF1640MC ZSELEC-GF1640MC Datasheet
261Kb / 2P
   16.0A SCHOTTKY BARRIER DIODE
logo
Yangzhou yangjie electr...
GF1640MC YANGJIE-GF1640MC Datasheet
149Kb / 2P
   SCHOTTKY Diodes
More results

Similar Description - GF1640MC

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
16NSF NAINA-16NSF_17 Datasheet
149Kb / 2P
   Fast Recovery Diodes, 16A
16-NSFR NAINA-16-NSFR Datasheet
149Kb / 2P
   Fast Recovery Diodes, 16A
logo
Digitron Semiconductors
MUR1605CT DIGITRON-MUR1605CT Datasheet
114Kb / 2P
   16A SCHOTTKY RECTIFIER
MUR1630CT DIGITRON-MUR1630CT Datasheet
128Kb / 2P
   16A SCHOTTKY RECTIFIER
MUR1605CTR DIGITRON-MUR1605CTR Datasheet
183Kb / 3P
   16A SCHOTTKY RECTIFIER
MBR1635 DIGITRON-MBR1635 Datasheet
178Kb / 2P
   16A SCHOTTKY RECTIFIERS
logo
Diodes Incorporated
MBR1635 DIODES-MBR1635_15 Datasheet
160Kb / 4P
   16A SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB1630PT WTE-SB1630PT Datasheet
49Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBL1630 DIODES-SBL1630 Datasheet
66Kb / 2P
   16A SCHOTTKY BARRIER RECTIFIER
DS23045 Rev. C-2
logo
Won-Top Electronics
SB1620CT WTE-SB1620CT Datasheet
39Kb / 3P
   16A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com