Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS41C16257-60TI Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS41C16257-60TI
Description  256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41C16257-60TI Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS41C16257-60TI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41C16257-60TI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41C16257-60TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41C16257-60TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41C16257-60TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41C16257-60TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41C16257-60TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41C16257-60TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS41C16257-60TI Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
IS41C16257
IS41LV16257
6
Integrated Silicon Solution, Inc. — 1-800-379-4774
DR004-1B
05/24/99
ISSI®
ELECTRICAL CHARACTERISTICS(1) (Recommended Operation Conditions unless otherwise noted.)
Symbol Parameter
Test Condition
Speed
Min.
Max.
Unit
IIL
Input Leakage Current
Any input 0V < VIN < Vcc
–10
10
µA
Other inputs not under test = 0V
IIO
Output Leakage Current
Output is disabled (Hi-Z)
–10
10
µA
0V < VOUT < Vcc
VOH
Output High Voltage Level
IOH = –2.5 mA
2.4
V
VOL
Output Low Voltage Level
IOL = 2.1 mA
0.4
V
ICC1
Stand-by Current: TTL
RAS, LCAS, UCAS ≥ VIH
Com.
5V
2
mA
Ind.
5V
3
ICC1
Stand-by Current: TTL
RAS, LCAS, UCAS ≥ VIH
Com. 3.3V
1
mA
Ind. 3.3V
2
ICC2
Stand-by Current: CMOS
RAS, LCAS, UCAS ≥ VCC – 0.2V
5V
2
mA
ICC2
Stand-by Current: CMOS
RAS, LCAS, UCAS ≥ VCC – 0.2V
3.3V
1
mA
ICC3
Operating Current:
RAS, LCAS, UCAS,
-35
230
mA
Random Read/Write(2,3,4)
Address Cycling, tRC = tRC (min.)
-60
170
Average Power Supply Current
ICC4
Operating Current:
RAS = VIL, LCAS, UCAS,
-35
220
mA
Fast Page Mode(2,3,4)
Cycling tPC = tPC (min.)
-60
160
Average Power Supply Current
ICC5
Refresh Current:
RAS Cycling, LCAS, UCAS ≥ VIH
-35
230
mA
RAS-Only(2,3)
tRC = tRC (min.)
-60
170
Average Power Supply Current
ICC6
Refresh Current:
RAS, LCAS, UCAS Cycling
-35
230
mA
CBR(2,3,5)
tRC = tRC (min.)
-60
170
Average Power Supply Current
Notes:
1. An initial pause of 200
µs is required after power-up followed by eight RAS refresh cycles (RAS-Only or CBR) before proper device
operation is assured.The eight
RAS cycles wake-up should be repeated any time the tREF refresh requirement is exceeded.
2. Dependent on cycle rates.
3. Specified values are obtained with minimum cycle time and the output open.
4. Column-address is changed once each fast page cycle.
5. Enables on-chip refresh and address counters.


Similar Part No. - IS41C16257-60TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16257C ISSI-IS41C16257C Datasheet
361Kb / 20P
   4Mb DRAM WITH FAST PAGE MODE
More results

Similar Description - IS41C16257-60TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C16257 ICSI-IC41C16257 Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16257B ISSI-IS41LV16257B Datasheet
129Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T224160B TMT-T224160B Datasheet
131Kb / 9P
   256K x 16 DYNAMIC RAM FAST PAGE MODE?
logo
Integrated Silicon Solu...
IS41C4405X ISSI-IS41C4405X Datasheet
138Kb / 17P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
AMIC Technology
A418316 AMICC-A418316 Datasheet
264Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS41C16105 ISSI-IS41C16105 Datasheet
140Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com