Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1393258-2 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 1393258-2
Description  2 pole relay with force guided contacts according to EN 50205
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1393258-2 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  1393258-2 Datasheet HTML 1Page - TE Connectivity Ltd 1393258-2 Datasheet HTML 2Page - TE Connectivity Ltd 1393258-2 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
07-2015, Rev. 0715
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
Force Guided Relays
Force Guided Relay SR2M
Coil Data (continued)
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%1)
mW
006
6
4.5
0.6
51
706
009
9
6.8
0.9
116
698
012
12
9
1.2
206
699
015
15
11.3
1.5
321
701
018
18
13.5
1.8
483
671
021
21
16
2.1
630
700
024
24
18
2.4
823
700
036
36
27
3.6
1851
700
040
40
30
4.0
2286
700
048
48
36
4.8
32911)
700
060
60
45
6
51421)
700
080
80
60
8
91431)
700
110
110
83
11
172851)
700
1) Coil resistance ±12%.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Insulation
Initial dielectric strength
between open contacts
1500Vrms
between contact and coil
4000Vrms
between adjacent contacts
3000Vrms
Clearance/creepage
between open contacts
microdisconnection
between contact and coil
≥8/8mm
between adjacent contacts
≥5.5/5.5mm
Insulation to EN 50178, type of insulation
between contact and coil
reinforced
between adjacent contacts
reinforced
n
2 pole relay with force guided contacts according to EN 50205
n
Reinforced insulation between poles
n
Version for use in sockets
Typical applications
Emergency shut-off, press control, machine control, elevator and escalator
control, safety relays
Approvals
VDE 116064, UL E214025, TUV 968/EZ 111, CCC 2014010305743065
Technical data of approved types on request
Contact Data
Contact arrangement
1 form A + 1 form B contacts
(1 NO + 1 NC) or
2 form C contacts (2 CO)
According EN50205 only 1NO / 1NC (11-14 and 22-21 or 12-11 and
21-24) shall be used as force guided contacts.
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
6A
Contact material
AgNi
Contact style
single contact, force guided
1 form A + B, 1 NO + 1NC
type A according to EN 50205
2 form C, 2CO
type B according to EN 50205
Min. recommended contact load
5V/10mA
Initial contact resistance
≤100mΩ at 1A, 24VDC
≤20Ω at 10mA, 5VDC
Frequency of operation, with/without load
6/300min-1
Contact ratings, IEC60947-5-1,
on 1 form A (NO) contact
AC15 - 250V/3A
DC13 - 24V/3A
on the basis of DC13 - 24V/6A
under conditions specified in
product spec. 2158001
Mechanical endurance
10x106 operations
Coil Data
Coil voltage range
5 to 110VDC
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%1)
mW
005
5
3.8
0.5
35.7
700
F0188-D
Z T


Similar Part No. - 1393258-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1393203-4 TEC-1393203-4 Datasheet
407Kb / 3P
   Bistable and DC version
1393203-5 TEC-1393203-5 Datasheet
407Kb / 3P
   Bistable and DC version
1393203-8 TEC-1393203-8 Datasheet
407Kb / 3P
   Bistable and DC version
1393203-9 TEC-1393203-9 Datasheet
407Kb / 3P
   Bistable and DC version
1393204-4 TEC-1393204-4 Datasheet
407Kb / 3P
   Bistable and DC version
More results

Similar Description - 1393258-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SR4-D TEC-SR4-D Datasheet
311Kb / 3P
   4 pole relay with force guided contacts according to EN 50205
SR6D TEC-SR6D Datasheet
334Kb / 2P
   4 pole relay with force guided contacts according to EN 50205
SR6A TEC-SR6A Datasheet
373Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
SR6-A TEC-SR6-A Datasheet
394Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
SR2-Z TEC-SR2-Z Datasheet
359Kb / 2P
   2 pole relay with force guided contacts according to EN50205
SR2 TEC-SR2 Datasheet
359Kb / 2P
   2 pole relay with force guided contacts according to EN50205
SR6Z TEC-SR6Z Datasheet
506Kb / 2P
   6 pole relay with force guided contacts according to EN50205
SR6-Z TEC-SR6-Z Datasheet
506Kb / 2P
   6 pole relay with force guided contacts according to EN50205
logo
PHOENIX CONTACT
REL-SR-24DC PHOENIX-REL-SR-24DC Datasheet
64Kb / 3P
   Like all PSR safety relays, equipped with forcibly guided contacts according to EN 50205
PSR-SCF-120UC PHOENIX-PSR-SCF-120UC Datasheet
80Kb / 4P
   Like all PSR safety relays, equipped with forcibly guided contacts according to EN 50205
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com