Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U5200 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # U5200
Description  Industrial Pressure Transducer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

U5200 Datasheet(HTML) 6 Page - TE Connectivity Ltd

  U5200 Datasheet HTML 1Page - TE Connectivity Ltd U5200 Datasheet HTML 2Page - TE Connectivity Ltd U5200 Datasheet HTML 3Page - TE Connectivity Ltd U5200 Datasheet HTML 4Page - TE Connectivity Ltd U5200 Datasheet HTML 5Page - TE Connectivity Ltd U5200 Datasheet HTML 6Page - TE Connectivity Ltd U5200 Datasheet HTML 7Page - TE Connectivity Ltd U5200 Datasheet HTML 8Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
U5200
Industrial Pressure Transducer
SENSOR SOLUTIONS ///U5200
08/2016
Page 6
CONNECTION TYPES
Note: Transmitter of gage pressure type requires vent to atmosphere on the pressure reference side. This is accomplished via cable from the
transmitter (the end of the cable should be terminated to clean and dry area) or through the customer mating connector/cable assembly
which has internal vent path.
Suggested vented M12 mating connector P/N MB12FWAFF04ST-4 and MB12FWAFF04ST-3 at www.finecables.com
for 0.157”~0.236”
and 0.236”~0.315” diameter cable respectively.
WEATHERPROOF
Note: Weatherproof ratings are met when the mating connectors are installed properly and the cable termination is to dry and clean area.
OUTPUTS
CONNECTION
DESCRIPTION
MATING HOUSING
P/N
MATING TERMINAL
P/N
RUBBER SEAL
P/N
Bayonet
BAYONET PTIH-10-6P OR EQUIV
PT06A-10-6S MIL-C-26482
-
-
Packard
3-PIN METRI-PACK 150
12078090
12103881, QTY 3
-
Cable &
1/2NPT
Conduit
4-WIRE,22 AWG, SHIELDED,
PVC JACKET, 105 DEGC
-
-
-
M12
BINDER SERIES 713,
09 3431 77 04 OR EQUIV
4-POS FEMALE CONNECTOR
-
-
AMP/TE
AMP / TE 3-PIN ECONOSEAL
J SERIES
174357-2 & 174358-7
171630-1 (AWG 20~24)
171662-1 (AWG 16~20)
QTY 3
172746-1 (AWG 20~24)
172888-2 (AWG 16~20)
QTY 3
FORM C
INDUSTRIAL STANDARD 9.4MM
FORM C
HIRSCHMANN 933 024-100,OR,
ATAM KD046000B7 (SEAL INCL.)
-
HIRSCHMANN 730 185-002
FORM A
DIN EN 175 301-803-A 18MM
HIRSCHMANN 931 969-100,OR,
ATAM KA245000B4 (SEAL INCL.)
-
HIRSCHMANN 730 801-002
Sum itom o
SUMITOMO 3-PIN HV040
6189-6907
8100-3067 (AWG 20~22)
8100-3068 (AWG 16~18)
QTY 3
7165-1075 (INS. DIA 1.1~1.6MM)
7176-0621 (INS. DIA 1.6~1.9MM)
7165-0622 (INS. DIA 1.8~2.2MM)
QTY 3
CONNECTION TYPES
CONNECTION
IP CODE
Bayonet
IP67
Packard
IP66
Cable
IP67
1/2NPT CONDUIT
IP67
M12
IP67
AMP/TE
IP67
FORM C
IP65
FORM A
IP65
Sum itom o
IP67
WEATHER-PROOF RATING
CODE
OUTPUT SIGNAL
SUPPLY VOLTAGE
3
0.5 - 4.5V
RATIOMETRIC
5 ± 0.25V
PROTECTED to 30V
4
1 - 5V
8 - 30V
5
4 - 20mA
9 - 30V
6
0 - 5V
8 - 30V
7
0 - 10V
12 - 30V
8
1 - 6V
8 - 30V
9
0.5 - 4.5V
5 - 30V


Similar Part No. - U5200

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U520-31N TRIPPLITE-U520-31N Datasheet
167Kb / 3P
   USB4 40Gbps Cable (M/M) - USB-C, 8K 60 Hz, 100W PD Charging, Black, 31 in. (0.8 m)
More results

Similar Description - U5200

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
IWPTU CYNERGY3-IWPTU Datasheet
635Kb / 2P
   Industrial Wireless Pressure Transducer
logo
TE Connectivity Ltd
D5100 TEC-D5100 Datasheet
232Kb / 8P
   Industrial Differential Pressure Transducer
logo
Cynergy3 Co
IWPT CYNERGY3-IWPT Datasheet
100Kb / 2P
   Industrial Wireless Pressure Transducer
IPSU CYNERGY3-IPSU Datasheet
73Kb / 2P
   Industrial Pressure Transducer - Ceramic
IPS CYNERGY3-IPS Datasheet
66Kb / 2P
   Industrial Pressure Transducer - Ceramic
IWPTL CYNERGY3-IWPTL Datasheet
99Kb / 2P
   Low Range Industrial Wireless Pressure Transducer
IWPTLU CYNERGY3-IWPTLU Datasheet
633Kb / 2P
   Low Range Industrial Wireless Pressure Transducer
logo
TE Connectivity Ltd
M3200 TEC-M3200 Datasheet
389Kb / 10P
   Pressure Transducer
logo
Sensata Technologies, I...
P4055 SENSATA-P4055 Datasheet
402Kb / 5P
   Pressure Transducer
2/7/18
logo
TE Connectivity Ltd
MSP340 TEC-MSP340 Datasheet
194Kb / 6P
   Pressure Transducer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com