Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS41LV16257-35KI Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS41LV16257-35KI
Description  256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41LV16257-35KI Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS41LV16257-35KI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41LV16257-35KI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41LV16257-35KI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41LV16257-35KI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41LV16257-35KI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41LV16257-35KI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41LV16257-35KI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS41LV16257-35KI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS41LV16257-35KI Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
IS41C16257
IS41LV16257
Integrated Silicon Solution, Inc. — 1-800-379-4774
7
DR004-1B
05/24/99
ISSI®
AC CHARACTERISTICS(1,2,3,4,5,6) (Recommended Operating Conditions unless
otherwise noted.)
-35
-60
Symbol
Parameter
Min. Max.
Min. Max.
Units
tRC
Random READ or WRITE Cycle Time
60
110
ns
tRAC
Access Time from
RAS(6,7)
—35
60
ns
tCAC
Access Time from
CAS(6,8,15)
—10
15
ns
tAA
Access Time from Column-Address(6)
—18
30
ns
tRAS
RAS Pulse Width
35
10K
60
10K
ns
tRP
RAS Precharge Time
20
40
ns
tCAS
CAS Pulse Width(26)
6
10K
10
10K
ns
tCP
CAS Precharge Time(9,25)
5—
10
ns
tCSH
CAS Hold Time (21)
35
60
ns
tRCD
RAS to CAS Delay Time(10,20)
11
28
20
45
ns
tASR
Row-Address Setup Time
0
— 0
— ns
tRAH
Row-Address Hold Time
6
10
ns
tASC
Column-Address Setup Time(20)
0—
0—
ns
tCAH
Column-Address Hold Time(20)
6—
10
ns
tAR
Column-Address Hold Time
30
40
ns
(referenced to
RAS)
tRAD
RAS to Column-Address Delay Time(11)
12
20
15
30
ns
tRAL
Column-Address to
RAS Lead Time
18
30
ns
tRPC
RAS to CAS Precharge Time
0
0
ns
tRSH
RAS Hold Time(27)
8—
15
ns
tCLZ
CAS to Output in Low-Z(15,29)
3—
3—
ns
tCRP
CAS to RAS Precharge Time(21)
5—
5—
ns
tOD
Output Disable Time(19, 28, 29)
315
3
15
ns
tOE
Output Enable Time(15, 16)
—10
15
ns
tOEHC
OE HIGH Hold Time from CAS HIGH
10
10
ns
tOEP
OE HIGH Pulse Width
10
10
ns
tOES
OE LOW to CAS HIGH Setup Time
5
5
ns
tRCS
Read Command Setup Time(17, 20)
0—
0—
ns
tRRH
Read Command Hold Time
0
0
ns
(referenced to
RAS)(12)
tRCH
Read Command Hold Time
0
0
ns
(referenced to
CAS)(12,17,21)
tWCH
Write Command Hold Time(17, 27)
5—
10
ns
tWCR
Write Command Hold Time
30
50
ns
(referenced to
RAS)(17)
tWP
Write Command Pulse Width(17)
5—
10
ns
tWPZ
WE Pulse Widths to Disable Outputs
10
10
ns
tRWL
Write Command to
RAS Lead Time(17)
8—
15
ns
tCWL
Write Command to
CAS Lead Time(17,21)
8—
15
ns
tWCS
Write Command Setup Time(14, 17, 20)
0—
0—
ns
tDHR
Data-in Hold Time (referenced to
RAS)30
40
ns
(Continued)


Similar Part No. - IS41LV16257-35KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41LV16257-60K ICSI-IS41LV16257-60K Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IS41LV16257-35KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C16257 ICSI-IC41C16257 Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16257B ISSI-IS41LV16257B Datasheet
129Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T224160B TMT-T224160B Datasheet
131Kb / 9P
   256K x 16 DYNAMIC RAM FAST PAGE MODE?
logo
Integrated Silicon Solu...
IS41C4405X ISSI-IS41C4405X Datasheet
138Kb / 17P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
AMIC Technology
A418316 AMICC-A418316 Datasheet
264Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS41C16105 ISSI-IS41C16105 Datasheet
140Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com