Electronic Components Datasheet Search |
|
1-1393766-8 Datasheet(PDF) 3 Page - TE Connectivity Ltd |
|
1-1393766-8 Datasheet(HTML) 3 Page - TE Connectivity Ltd |
3 / 6 page 08-2015, Rev. 0815 www.te.com © 2015 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 3 Potter & Brumfield R10 Series Relay (Continued) Operative Range R10 Relays (DC Only) Typical Ranges of Operations @ 25°C R10 Ultra-Sensitive “SS” and “JJ” Typical Ranges of Operation @ 25°C Typical Coil Inductance Coil versions, DC coil (continued) Coil Maximum Operate Coil Pick-up code coil current current resistance coil power mADC mADC Ω±10% mW J - sensitive DC current adjustment – R10S types only 2 pole J5001) – 6.3 500 20 J1.0K – 4.5 1000 20 J2.5K2) – 2.9 2500 25 J5.0K – 2 5000 20 J10.0K3) – 1.4 10000 20 J16.0K – 1.2 16000 25 J30.0K – 0.8 30000 20 4 pole J500 – 9 500 45 J1.0K – 6.5 1000 45 J2.5K2) – 4.1 2500 45 J5.0K3) – 2.9 5000 45 J10.0K – 2 10000 40 J16.0K – 1.4 16000 35 J30.0K – 1.2 30000 45 1) Suggested for 5VDC operation 2) Suggested for 12VDC operation 3) Suggested for 24VDC operation JJ - ultrasensitive DC current adjustment 1 pole JJ1.0K 45 4.5 1000 20 JJ2.5K 28 2.9 2500 25 JJ5.0K 20 2.1 5000 25 JJ10.0K 14 1.5 10000 25 JJ15.0K 11.5 1.2 15000 25 JJ30.0K 8.3 0.85 30000 25 2 pole JJ1.0K 45 6.5 1000 45 JJ2.5K 28 4.1 2500 45 JJ5.0K 20 2.9 5000 45 JJ10.0K 14 2 10000 40 JJ15.0K 11.5 1.7 15000 45 JJ30.0K 8.3 1.2 30000 45 4 pole JJ1.0K 45 9 1000 85 JJ2.5K 28 5.8 2500 85 JJ5.0K 20 4.1 5000 85 JJ10.0K 14 3 10000 90 JJ15.0K 11.5 2.4 15000 85 JJ30.0K 8.3 1.7 30000 90 All figures are given for coil without preenergization, at ambient temperature +23°C. Coil versions, AC coil (dual coil diode rectified construction) Coil Rated Operate Coil code voltage voltage resistance VAC VAC Ω±20% Standard AC 2 and 4 pole 6V 6 5 25 12V 12 9 120 24V 24 18 500 48V 48 36 2000 115V 115 86 9000 6 and 8 pole 6V 6 5 15 12V 12 9 90 24V 24 18 350 48V 48 36 1400 115V 115 86 7500 All figures are given for coil without preenergization, at ambient temperature +23°C. Operate Time Multiple of Max. Pull-in Voltage or Current 30 25 20 15 10 Release Time (no suppression) 5 12 10 8 6 4 2 1.01.33 1.5 2.0 2.5 3.0 (Curves for reference only. If specific values are required, testing is required.) Typical Operate and Release Time (all contact configurations) 50 40 30 20 10 1.01.5 2.0 3.0 4.0 10 8 6 4 2 Operate Time (Curves for reference only. If specific values are required, testing is required.) Release Time (no suppression) Typical Operate and Release Time (all contact configurations) Multiple of Max. Pull-in Voltage or Current Coil Resistance (Ohms) 500 100 50 10 1.0 0.5 0.1 10 50 100500 1K 5K 10K100K Armature (open) Armature (closed) Signal Signal Relays |
Similar Part No. - 1-1393766-8 |
|
Similar Description - 1-1393766-8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |