Electronic Components Datasheet Search |
|
1-1393766-4 Datasheet(PDF) 4 Page - TE Connectivity Ltd |
|
1-1393766-4 Datasheet(HTML) 4 Page - TE Connectivity Ltd |
4 / 6 page 08-2015, Rev. 0815 www.te.com © 2015 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 4 Potter & Brumfield R10 Series Relay (Continued) Other Data (continued) Terminal type Solder/plug-in terminals, PCB-THT, 8- or 11-PIN octal type plug Weight 23 to 40g Packaging/unit tray/50 pcs., box/350pcs. Accessories For details see datasheet Sockets and Accessories, R10 Relays Product Code Description Many versions of sockets and clips available. NOTE: Relays with contact current <50mA are not recommended for use in sockets. Insulation Data Initial dielectric strength between open contacts 500Vrms between contact and coil 1000Vrms between adjacent contacts 1000Vrms Initial insulation resistance between insulated elements 10GΩ, 500VDC Other Data Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content refer to the Product Compliance Support Center at www.te.com/customersupport/rohssupportcenter Ambient temperature -55ºC to 75ºC Category of environmental protection IEC 61810 RTI - dust protected and RTIII - wash tight Terminal dimensions Solder terminal dimensions Printed circuit terminal dimensions Terminal assignment R10 - AC Coil Diagram Dimensions .735 MAX. (18.67) 1.187 MAX. (30.15) R10S: 1.50 MAX. (38.1) .406 (10.31) .135 (3.43) .210 (5.33) 3-48THREAD NIB .091 DIA. x .020 HIGH (2.31) (.51) } TYPE E1 ONLY .354 (8.99) #6-32 THREAD .375 (9.53) .171 (4.43) .156 (3.96) CASE R ONLY Recommend tape tab be removed after immersion cleaning and before relay is put in service. Peel off to permit proper relay ventilation. 2 POLE .950 MAX. (24.13, 2 POLE 1R10) 4 POLE 1.165 MAX. (29.59, 4 POLE 1R10) 6 POLE 1.375 MAX. (34.93) 8 POLE 1.580 MAX. (40.13) .437 (11.10) .59 REF. (15.0) STUD ON NARR OW SIDE ONLY CASE E ONLY TYPE E6 ONLY .085 MAX. (2.16) TYPE E6 ONLY .012 (.30) .040 (1.02) .090 (2.29) .080 (2.03) D (TO TOP OF CASE) B A C A B C D Arrang. Type 2 .131 .050 .064 1.251 Inline Type 7 .131 .040 .013 1.20 Inline Type 9 .170 .040 .000 1.187 Staggered Thickness .012 .012 .012 .013 ––– 26 27 14 1 POLE 8 9 5 10 6 7 4 3 2 1 2 POLE 8 9 5 10 6 7 4 3 2 1 3 POLE 4 3 2 1 4 POLE 4 3 2 1 14 15 8 16 9 10 11 12 5 13 6 7 14 15 8 16 9 10 11 12 5 13 6 7 6 POLE 4 3 2 1 19 9 10 20 21 11 14 15 5 17 18 8 8 POLE 4 3 2 1 22 12 13 16 6 7 22 9 10 23 24 11 17 18 5 20 21 8 25 12 13 19 6 7 28 15 16 DUAL COIL Signal Signal Relays |
Similar Part No. - 1-1393766-4 |
|
Similar Description - 1-1393766-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |