Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-P709-F40-PM Datasheet(PDF) 10 Page - Vincotech

Part # V23990-P709-F40-PM
Description  Clip-in PCB mounting
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P709-F40-PM Datasheet(HTML) 10 Page - Vincotech

Back Button V23990-P709-F40-PM Datasheet HTML 6Page - Vincotech V23990-P709-F40-PM Datasheet HTML 7Page - Vincotech V23990-P709-F40-PM Datasheet HTML 8Page - Vincotech V23990-P709-F40-PM Datasheet HTML 9Page - Vincotech V23990-P709-F40-PM Datasheet HTML 10Page - Vincotech V23990-P709-F40-PM Datasheet HTML 11Page - Vincotech V23990-P709-F40-PM Datasheet HTML 12Page - Vincotech V23990-P709-F40-PM Datasheet HTML 13Page - Vincotech V23990-P709-F40-PM Datasheet HTML 14Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
V23990-P709-F40-PM
preliminary datasheet
Figure 25
Output inverter IGBT
Figure 26
Output inverter IGBT
Safe operating area as a function
Gate voltage vs Gate charge
of collector-emitter voltage
IC = f(VCE)VGE = f(QGE)
At
At
D =
single pulse
IC =
25
A
Th =
80
ºC
VGE =
±15
V
Tj =Tjmax
ºC
Figure 27
Output inverter IGBT
Figure 28
Output inverter IGBT
Short circuit withstand time as a function of
Typical short circuit collector current as a function of
gate-emitter voltage
gate-emitter voltage
tsc = f(VGE)VGE = f(QGE)
At
At
VCE =
1200
V
VCE
1200
V
Tj
175
ºC
Tj =
175
ºC
Output Inverter
V CE (V)
10
3
10
0
10
-1
10
1
10
2
10
1
10
2
10uS
100uS
1mS
10mS
100mS
DC
10
0
10
3
0
2
4
6
8
10
12
14
16
18
20
0
30
60
90
120
150
180
210
Q g (nC)
240V
960V
0
2
4
6
8
10
12
14
16
18
12
13
14
15
16
17
V GE (V)
0
25
50
75
100
125
150
175
200
225
12
13
14
15
16
17
18
19
20
V GE (V)
copyright Vincotech
10
Revision: 1


Similar Part No. - V23990-P709-F40-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P709-F40-P1-14 VINCOTECH-V23990-P709-F40-P1-14 Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 Technology
V23990-P709-F40-P1-19 VINCOTECH-V23990-P709-F40-P1-19 Datasheet
254Kb / 3P
   flow90PACK 1 2nd gen
More results

Similar Description - V23990-P709-F40-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-F006PPA020SB-M685B VINCOTECH-10-F006PPA020SB-M685B Datasheet
3Mb / 30P
   Clip in PCB mounting
V23990-P638-A40-PM VINCOTECH-V23990-P638-A40-PM Datasheet
2Mb / 23P
   Clip-in PCB mounting
10-F006PPA006SB-M682B VINCOTECH-10-F006PPA006SB-M682B Datasheet
3Mb / 31P
   Clip in PCB mounting
10-F006PPA020SB01-M685B10 VINCOTECH-10-F006PPA020SB01-M685B10 Datasheet
620Kb / 30P
   Clip in PCB mounting
10-R106PPA020SB01-M934A VINCOTECH-10-R106PPA020SB01-M934A Datasheet
2Mb / 31P
   Clip in PCB mounting
V23990-P700-F40-PM VINCOTECH-V23990-P700-F40-PM Datasheet
419Kb / 17P
   Clip-in PCB mounting
10-F006PPA010SB-M683B VINCOTECH-10-F006PPA010SB-M683B Datasheet
1Mb / 30P
   Clip in PCB mounting
V23990-P707-F40-PM VINCOTECH-V23990-P707-F40-PM Datasheet
1Mb / 17P
   Clip-in PCB mounting
V23990-P708-F40-PM VINCOTECH-V23990-P708-F40-PM Datasheet
1Mb / 17P
   Clip-in PCB mounting
V23990-P625-F24-P1-14 VINCOTECH-V23990-P625-F24-P1-14 Datasheet
1Mb / 14P
   Clip-in PCB mounting
V23990-P640-G20-PM VINCOTECH-V23990-P640-G20-PM Datasheet
1Mb / 16P
   Clip-in PCB mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com