Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD60R380E6 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IPD60R380E6
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD60R380E6 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IPD60R380E6 Datasheet HTML 6Page - Infineon Technologies AG IPD60R380E6 Datasheet HTML 7Page - Infineon Technologies AG IPD60R380E6 Datasheet HTML 8Page - Infineon Technologies AG IPD60R380E6 Datasheet HTML 9Page - Infineon Technologies AG IPD60R380E6 Datasheet HTML 10Page - Infineon Technologies AG IPD60R380E6 Datasheet HTML 11Page - Infineon Technologies AG IPD60R380E6 Datasheet HTML 12Page - Infineon Technologies AG IPD60R380E6 Datasheet HTML 13Page - Infineon Technologies AG IPD60R380E6 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
*)
/))L 9^^[DEIk </ F^eT` J`P]aXab^`
@FF/)H,1)</% @F7/)H,1)</% @F;/)H,1)</
HTd' +'-% +)*,&).&!"
=W\OZ ;ObO JVSSb
ELMWP (+
Ec[% Z_^[_^ NSL\LN^P\T]^TN] E52),d5
*6D JGK
)
.
*)
*.
+)
)
.
*)
*.
+)
+.
,)
,* L
+* L
2 L
1 L
0 L
/(/ L
/ L
.(/ L
';5U",;I#4 +Y5+. i94 _P`P\TbT`3 ,>I
Ec[% Z_^[_^ NSL\LN^P\T]^TN] E52(),d5
*6D JGK
)
.
*)
*.
+)
)
.
*)
*.
+)
,* L
+* L
2 L
1 L
0 L
/(/ L
/ L
.(/ L
';5U",;I#4 +Y5*+. i94 _P`P\TbT`3 ,>I
ELMWP (,
Ec[% O\LTY$]Z_\NP ZY$]^L^P \P]T]^LYNP
$6 J3K
)
.
*)
*.
+)
)'-)
)'/)
)'1)
*'))
*'+)
*'-)
*'/)
0(/ L
1 L
0 L
/(/ L
/ L
+* L
*;I"^]#5U"';#4 +Y5*+. i94 _P`P\TbT`3 ,>I
6\LTY$]Z_\NP ZY$]^L^P \P]T]^LYNP
)U Jd5K
&/)
&+)
+)
/)
*))
*-)
*1)
)')
)'+
)'-
)'/
)'1
*')
*'+
32 !
bg^
*;I"^]#5U"+Y#4 ';5,'1 74 ,>I5*) L
Rev. 2.5, 2014-12-09


Similar Part No. - IPD60R380E6

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD60R380E6 ISC-IPD60R380E6 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPD60R380E6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com