Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP60R199CP Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPP60R199CP
Description  CoolMOS짰 Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP60R199CP Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPP60R199CP_11 Datasheet HTML 1Page - Infineon Technologies AG IPP60R199CP_11 Datasheet HTML 2Page - Infineon Technologies AG IPP60R199CP_11 Datasheet HTML 3Page - Infineon Technologies AG IPP60R199CP_11 Datasheet HTML 4Page - Infineon Technologies AG IPP60R199CP_11 Datasheet HTML 5Page - Infineon Technologies AG IPP60R199CP_11 Datasheet HTML 6Page - Infineon Technologies AG IPP60R199CP_11 Datasheet HTML 7Page - Infineon Technologies AG IPP60R199CP_11 Datasheet HTML 8Page - Infineon Technologies AG IPP60R199CP_11 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IPP60R199CP
CoolMOS
® Power Transistor
Features
• Lowest figure-of-merit RONxQg
• Ultra low gate charge
• Extreme dv/dt rated
• High peak current capability
• Qualified according to JEDEC
1) for target applications
• Pb-free lead plating; RoHS compliant
CoolMOS CP is specially designed for:
• Hard switching topologies, for Server and Telecom
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
A
T C=100 °C
Pulsed drain current
2)
I D,pulse
T C=25 °C
Avalanche energy, single pulse
E AS
I D=6.6 A, V DD=50 V
436
mJ
Avalanche energy, repetitive t AR
2),3)
E AR
I D=6.6 A, V DD=50 V
Avalanche current, repetitive t AR
2),3)
I AR
A
MOSFET dv /dt ruggedness
dv /dt
V DS=0...480 V
V/ns
Gate source voltage
V GS
static
V
AC (f >1 Hz)
Power dissipation
P tot
T C=25 °C
W
Operating and storage temperature
T j, T stg
°C
Mounting torque
M3 and M3.5 screws
60
Ncm
Value
16
10
51
±30
139
-55 ... 150
0.66
6.6
50
±20
V DS @ Tj,max
650
V
R DS(on),max
0.199
Q g,typ
3
2
nC
Product Summary
Type
Package
Ordering Code
Marking
IPP60R199CP
PG-TO220
SP000084278
6R199P
PG-TO220
Rev. 2.
3
page 1
20
11-12-20


Similar Part No. - IPP60R199CP_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP60R199CP INFINEON-IPP60R199CP_07 Datasheet
297Kb / 10P
   CoolMOS짰 Power Transistor
Rev. 2.2 2007-10-25
More results

Similar Description - IPP60R199CP_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPB17N80C3 INFINEON-SPB17N80C3_11 Datasheet
432Kb / 10P
   CoolMOS짰 Power Transistor
Rev. 2.5 2011-09-27
IPW60R199CP INFINEON-IPW60R199CP_14 Datasheet
607Kb / 11P
   CoolMOS짰 Power Transistor
Rev. 2.4 2014-04-29
IPI60R199CP INFINEON-IPI60R199CP_11 Datasheet
394Kb / 10P
   CoolMOS짰 Power Transistor
Rev. 2.2 2011-12-20
IPA60R250CP INFINEON-IPA60R250CP_12 Datasheet
377Kb / 10P
   CoolMOS짰 Power Transistor
Rev.2.1 2012-01-09
IPB60R199CP INFINEON-IPB60R199CP_11 Datasheet
366Kb / 10P
   CoolMOS짰 Power Transistor
Rev. 2.2 2011-12-20
IPP60R199CP INFINEON-IPP60R199CP_07 Datasheet
297Kb / 10P
   CoolMOS짰 Power Transistor
Rev. 2.2 2007-10-25
IPA60R199CP INFINEON-IPA60R199CP_11 Datasheet
405Kb / 10P
   CoolMOS짰 Power Transistor
Rev. 2.2 2011-12-20
IPW80R290C3A INFINEON-IPW80R290C3A Datasheet
215Kb / 10P
   CoolMOS짰 Power Transistor
Rev. 2.0 2009-03-24
SPB17N80C3 INFINEON-SPB17N80C3_07 Datasheet
326Kb / 10P
   CoolMOS짰 Power Transistor Features new revolutionary high voltage technology
Rev. 2.3 2007-11-28
IPW60R165CP INFINEON-IPW60R165CP_08 Datasheet
591Kb / 11P
   CoolMOS짰 Power Transistor Features Lowest figure-of-merit RONxQg Ultra low gate charge
Rev. 2.2 2008-02-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com