Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65DSI84 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DSI84
Description  Automotive Single-Channel MIPI DSI to Dual-Link LVDS Bridge
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DSI84 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65DSI84 Datasheet HTML 5Page - Texas Instruments SN65DSI84 Datasheet HTML 6Page - Texas Instruments SN65DSI84 Datasheet HTML 7Page - Texas Instruments SN65DSI84 Datasheet HTML 8Page - Texas Instruments SN65DSI84 Datasheet HTML 9Page - Texas Instruments SN65DSI84 Datasheet HTML 10Page - Texas Instruments SN65DSI84 Datasheet HTML 11Page - Texas Instruments SN65DSI84 Datasheet HTML 12Page - Texas Instruments SN65DSI84 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
Low Power (LP)
Mode Receiver
LP-RX
Input LOW
LP-RX
Input HIGH
V
IH(LP)
GND
V
IL(LP)
VIH(HS)
High Speed (HS) Mode
Receiver
HS-RX
Common Mode
Range
V
CM(HS)
V
V
ID
VIL(HS)
1.3 V
max
CM(HS)min
9
SN65DSI84-Q1
www.ti.com
SLLSEW9 – DECEMBER 2016
Product Folder Links: SN65DSI84-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Switching Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
(2)
For EMI reduction purpose, SN65DSI84-Q1 supports the center spreading of the LVDS CLK output through the REFCLK or DSI CLK
input. The center spread CLK input to the REFCLK or DSI CLK is passed through to the LVDS CLK output A_CLKP/N and/or
B_CLKP/N.
EN, ULPS, RESET
ten
Enable time from EN or ULPS; see Figure 5
tc(o) = 12.9 ns
1
ms
tdis
Disable time to standby; see Figure 5
tc(o) = 12.9 ns
0.1
ms
treset
Reset Time
10
ms
REFCLK
FREFCLK
REFCLK Freqeuncy. Supported frequencies:
25 MHz - 15 4MHz
25
154
MHz
tr, tf
REFCLK rise and fall time
0.1
1
ns
tpj
REFCLK Peak-to-Peak Phase Jitter
50
ps
Duty
REFCLK Duty Cycle
40%
50%
60%
REFCLK or DSI CLK (DACP/N, DBCP/N)
SSC_CLKIN
SSC enabled Input CLK center spread depth(2)
0.5%
1%
2%
Modulation Frequency Range
30
60
kHz
7 Parameter Measurement Information
Figure 2. DSI Receiver Voltage Definitions


Similar Part No. - SN65DSI84

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DSI84 TI-SN65DSI84 Datasheet
1Mb / 37P
[Old version datasheet]   MIPI DSI BRIDGE TO FLATLINK LVDS Single Channel DSI to Dual-Link LVDS Bridge
SN65DSI84 TI-SN65DSI84 Datasheet
2Mb / 50P
[Old version datasheet]   SN65DSI84 MIPI짰 DSI Bridge To FLATLINK??LVDS Single Channel DSI to Dual-Link LVDS Bridge
SN65DSI84-Q1 TI-SN65DSI84-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   SN65DSI84 MIPI짰 DSI Bridge To FLATLINK??LVDS Single Channel DSI to Dual-Link LVDS Bridge
SN65DSI84ZQER TI-SN65DSI84ZQER Datasheet
1Mb / 37P
[Old version datasheet]   MIPI DSI BRIDGE TO FLATLINK LVDS Single Channel DSI to Dual-Link LVDS Bridge
SN65DSI84ZQER TI-SN65DSI84ZQER Datasheet
2Mb / 50P
[Old version datasheet]   SN65DSI84 MIPI짰 DSI Bridge To FLATLINK??LVDS Single Channel DSI to Dual-Link LVDS Bridge
More results

Similar Description - SN65DSI84

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DSI84 TI-SN65DSI84 Datasheet
1Mb / 37P
[Old version datasheet]   MIPI DSI BRIDGE TO FLATLINK LVDS Single Channel DSI to Dual-Link LVDS Bridge
SN65DSI85 TI-SN65DSI85 Datasheet
1Mb / 45P
[Old version datasheet]   MIPI DSI BRIDGE TO FLATLINK LVDS Dual Channel DSI to Dual-Link LVDS Bridge
SN65DSI85-Q1 TI1-SN65DSI85-Q1 Datasheet
194Kb / 7P
[Old version datasheet]   MIPI DSI Bridge to FlatLink LVDS Dual-Channel DSI to Dual-Link LVDS Bridge
SN65DSI83 TI-SN65DSI83 Datasheet
1Mb / 34P
[Old version datasheet]   MIPI DSI BRIDGE TO FLATLINK LVDS Single Channel DSI to Single-Link LVDS Bridge
SN65DSI83-Q1 TI1-SN65DSI83-Q1 Datasheet
770Kb / 51P
[Old version datasheet]   Automotive Single-Channel MIPI짰 DSI to Single-Link LVDS Bridge
SN65DSI84 TI-SN65DSI84_V01 Datasheet
2Mb / 50P
[Old version datasheet]   SN65DSI84 MIPI짰 DSI Bridge To FLATLINK??LVDS Single Channel DSI to Dual-Link LVDS Bridge
SN65DSI85 TI-SN65DSI85_V01 Datasheet
2Mb / 58P
[Old version datasheet]   SN65DSI85 MIPI짰 DSI Bridge to FlatLink??LVDS Dual Channel DSI to Dual-Link LVDS Bridge
SN65DSI83 TI-SN65DSI83_V01 Datasheet
2Mb / 49P
[Old version datasheet]   SN65DSI83 MIPI짰 DSI Bridge to FlatLink??LVDS Single-Channel DSI to Single-Link LVDS Bridge
SN65DSI86-Q1 TI1-SN65DSI86-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   MIPI DSI to eDP Bridge
DS90UB941AS-Q1 TI1-DS90UB941AS-Q1 Datasheet
1Mb / 139P
[Old version datasheet]   DSI to FPD-Link III Bridge Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com