Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-165 Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # AN-165
Description  Management Engine Evaluation Board
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

AN-165 Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button AN-165 Datasheet HTML 2Page - Holt Integrated Circuits AN-165 Datasheet HTML 3Page - Holt Integrated Circuits AN-165 Datasheet HTML 4Page - Holt Integrated Circuits AN-165 Datasheet HTML 5Page - Holt Integrated Circuits AN-165 Datasheet HTML 6Page - Holt Integrated Circuits AN-165 Datasheet HTML 7Page - Holt Integrated Circuits AN-165 Datasheet HTML 8Page - Holt Integrated Circuits AN-165 Datasheet HTML 9Page - Holt Integrated Circuits AN-165 Datasheet HTML 10Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AN-165
HOLT INTEGRATED CIRCUITS
6
Mode- 2
(3): ARINC 429 Data transmission directly from CPU
This example demonstrates how transmitted words can be sent immediately using SPI op codes. All 4
transmitters are looping incremental data written each time by specific op codes. The ARINC 429 words
can be viewed on J1.
The output on the console will be similar to:
Holt HI-3200 Demonstration Software Revision: X.X
Example 3: ARINC 429 Data transmission directly from CPU
Master Control Register 0xF8
ARINC Receiver Control Registers
RX0 0x81
RX1 0x81
RX2 0x81
RX3 0x81
RX4 0x81
RX5 0x81
RX6 0x81
RX7 0x81
Mode- 3
(4): ARINC 429 Data transmission using on-chip schedulers
The HI-3200 Transmitters are pre-loaded with words in their respective descriptor tables. These are
loaded after RESET. When RUN=1 data is transmitted and repeated based on each Transmitter’s
Repetition Rate register. TX0 and TX1 are transmitting high speed data. TX2 and TX3 are transmitting
low speed data.
The output on the console will be similar to:
Holt HI-3200 Demonstration Software Revision: 0.1
Example 4: ARINC 429 Data transmission using on-chip schedulers
Master Control Register 0xF8
ARINC Receiver Control Registers
RX0 0x81
RX1 0x81
RX2 0x81
RX3 0x81
RX4 0x81
RX5 0x81
RX6 0x81
RX7 0x81
ARINC Transmitter Control Registers
TX0 0x80
TX1 0x80
TX2 0xC0
TX3 0xC0


Similar Part No. - AN-165

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
AN-160 HOLTIC-AN-160 Datasheet
2Mb / 25P
   HI??593 ARINC 429 3.3V Dual Receiver
AN-161 HOLTIC-AN-161 Datasheet
1Mb / 18P
   HI??593 ARINC 429 3.3V Dual Receiver
AN-166 HOLTIC-AN-166 Datasheet
272Kb / 10P
   HI-3200 Avionics Data
logo
National Semiconductor ...
AN-1698 NSC-AN-1698 Datasheet
216Kb / 8P
   A Specification for EMI Hardened Operational Amplifiers
More results

Similar Description - AN-165

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
QSG-3200 HOLTIC-QSG-3200 Datasheet
412Kb / 6P
   Management Engine Evaluation Board
logo
Monolithic Power System...
EV5416-R-00B MPS-EV5416-R-00B Datasheet
511Kb / 7P
   5V Power Management IC Evaluation Board
logo
Holt Integrated Circuit...
HI-3200 HOLTIC-HI-3200 Datasheet
220Kb / 59P
   AVIONICS DATA MANAGEMENT ENGINE
HI-3200 HOLTIC-HI-3200_16 Datasheet
227Kb / 60P
   AVIONICS DATA MANAGEMENT ENGINE
logo
Infineon Technologies A...
TLE8082ES INFINEON-TLE8082ES Datasheet
3Mb / 61P
   Small engine management IC
Rev. 1.0 2021-03-23
logo
Holt Integrated Circuit...
HI-3210 HOLTIC-HI-3210_16 Datasheet
173Kb / 45P
   ARINC 429 DATA MANAGEMENT ENGINE
HI-3210 HOLTIC-HI-3210_13 Datasheet
166Kb / 43P
   ARINC 429 DATA MANAGEMENT ENGINE
logo
STMicroelectronics
AN4092 STMICROELECTRONICS-AN4092 Datasheet
663Kb / 38P
   Low to mid range engine management
logo
Infineon Technologies A...
TLE8080EM INFINEON-TLE8080EM Datasheet
1Mb / 39P
   Engine Management IC for Small Engines
Rev. 1.1, 2012-10-19
TLE8088EM INFINEON-TLE8088EM Datasheet
1Mb / 24P
   Engine management IC for Small Engines
Rev 1.0, 2012-10-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com