Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-1579A Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-1579A
Description  3.3V Monolithic Dual Transceivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1579A Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-1579A Datasheet HTML 1Page - Holt Integrated Circuits HI-1579A Datasheet HTML 2Page - Holt Integrated Circuits HI-1579A Datasheet HTML 3Page - Holt Integrated Circuits HI-1579A Datasheet HTML 4Page - Holt Integrated Circuits HI-1579A Datasheet HTML 5Page - Holt Integrated Circuits HI-1579A Datasheet HTML 6Page - Holt Integrated Circuits HI-1579A Datasheet HTML 7Page - Holt Integrated Circuits HI-1579A Datasheet HTML 8Page - Holt Integrated Circuits HI-1579A Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AC ELECTRICAL CHARACTERISTICS
V
= 3.3 V, GND = 0V, T = Operating Temperature Range (unless otherwise specified).
DD
A
DC ELECTRICAL CHARACTERISTICS (cont.)
HI-1579A
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Output Voltage
Direct coupled
35 ohm load
6.7
9.0
Vp-p
(Measured at Point “A “ in Figure 3)
70
20.0
27.0
Vp-p
Output Noise
V
Differential, inhibited
10.0
mVp-p
Output Dynamic Offset Voltage
V
-24
+24
mV
-100
+100
mV
Output Capacitance
C
1 MHz sine wave
15
pF
TRANSMITTER
(Measured at Point “A ” in Figure 3 unless otherwise specified)
D
D
V
Transformer coupled
V
ohm load
(Measured at Point “A “ in Figure 4)
Direct coupled
35 ohm load
(Measured at Point “A “ in Figure 3)
Transformer coupled
V
70 ohm load
(Measured at Point “A “ in Figure 4)
OUT
OUT
DYN
T
D
T
ON
DYN
OUT
Transceiver A
Transceiver B
HI-1579A
MIL-STD-1553
Bus Coupler
MIL-STD-1553
BUS A
(Direct Coupled)
MIL-STD-1553
BUS B
(Transformer Coupled)
Isolation
Transformer
52.5
W
55
W
BUS B
52.5
W
55
W
BUS B
BUS A
1:1.4
1:2.5
1:2.5
Isolation
Transformer
Figure 2. Bus Connection Example using HI-1579A
HOLT INTEGRATED CIRCUITS
5
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Receiver Enable Delay
From RXENA/B rising or falling edge to
40
ns
RXA/B or
Driver Delay
t
TXA/B,
to BUSA/B,
150
ns
Rise time
tr
35 ohm load
100
300
ns
Fall Time
tf
35 ohm load
100
300
ns
Inhibit Delay
t
Inhibited output
100
ns
t
Active output
150
ns
Note 1. Measured using a 1 MHz sinusoid, 20 V peak to peak, line to line at point “AT” (Guaranteed but not tested).
Note 2. Measured using a 1 MHz sinusoid, 860 mV peak to peak, line to line at point “AT” (100% tested).
Note 3. Measured using a 1 MHz sinusoid, 860 mV peak to peak, line to line at point “AT”. Measured from input zero crossing point.
RECEIVER
TRANSMITTER
(Measured at Point “A ” in Figure 4)
(Measured at Point “A ” in Figure 3)
T
D
Receiver Delay
t
From input zero crossing to RXA/B or
450
ns
Note 3
Receiver gap time
t
Spacing between RXA/B and
pulses
90
365
ns
Note 1
Note 2
t
DR
RG
REN
RXA/B
RXA/B
RXA/B
TXA/B
BUSA/B
DT
DI-H
DI-L
VDD = 3.3 V, GND = 0V, T =Operating Temperature Range (unless otherwise specified).
A
BUS A


Similar Part No. - HI-1579A

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1579CDI HOLTIC-HI-1579CDI Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1579CDM HOLTIC-HI-1579CDM Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1579CDT HOLTIC-HI-1579CDT Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1579PCI HOLTIC-HI-1579PCI Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1579PCIF HOLTIC-HI-1579PCIF Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
More results

Similar Description - HI-1579A

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573 Datasheet
164Kb / 9P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573_15 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579PCI HOLTIC-HI-1579PCI Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573_13 Datasheet
85Kb / 11P
   MIL-STD-1553 3.3V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567 Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565 Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com