Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-1579A Datasheet(PDF) 7 Page - Holt Integrated Circuits

Part # HI-1579A
Description  3.3V Monolithic Dual Transceivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1579A Datasheet(HTML) 7 Page - Holt Integrated Circuits

  HI-1579A Datasheet HTML 1Page - Holt Integrated Circuits HI-1579A Datasheet HTML 2Page - Holt Integrated Circuits HI-1579A Datasheet HTML 3Page - Holt Integrated Circuits HI-1579A Datasheet HTML 4Page - Holt Integrated Circuits HI-1579A Datasheet HTML 5Page - Holt Integrated Circuits HI-1579A Datasheet HTML 6Page - Holt Integrated Circuits HI-1579A Datasheet HTML 7Page - Holt Integrated Circuits HI-1579A Datasheet HTML 8Page - Holt Integrated Circuits HI-1579A Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HI -
(Plastic)
1579A PS x x
ORDERING INFORMATION
HI-1579A
PART
LEAD
NUMBER
FINISH
Blank
Tin / Lead (Sn / Pb) Solder
F
100% Matte Tin (Pb-free RoHS compliant)
PART
TEMPERATURE
BURN
NUMBER
RANGE
FLOW
IN
I
-40°C TO +85°C
I
No
T
-55°C TO +125°C
T
No
M
-55°C TO +125°C
M
Yes
PART
PACKAGE
NUMBER
DESCRIPTION
PS
20 PIN PLASTIC ESOIC, Thermally Enhanced Wide SOIC w/Heat Sink (20HWE)
HOLT INTEGRATED CIRCUITS
7
recommends Premier Magnetics parts as offering the
best combination of electrical performance, low cost and
small footprint.
RECOMMENDED TRANSFORMERS
The HI-1579A transceiver has been characterized for
compliance with the electrical requirements of MIL-STD-
1553 when used with the following transformers. Holt
MANUFACTURER
PART NUMBER
APPLICATION
TURNS RATIO
DIMENSIONS
Premier Magnetics
PM-DB2791S
Isolation
Single 1:2.5
.400 x .400 x .185 inches
Premier Magnetics
PM-DB2756
Isolation
Dual 1:2.5
.930 x .575 x .185 inches
Premier Magnetics
PM-DB2702
Stub coupling
1:1.4
.625 x .500 x .250 inches


Similar Part No. - HI-1579A

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1579CDI HOLTIC-HI-1579CDI Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1579CDM HOLTIC-HI-1579CDM Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1579CDT HOLTIC-HI-1579CDT Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1579PCI HOLTIC-HI-1579PCI Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1579PCIF HOLTIC-HI-1579PCIF Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
More results

Similar Description - HI-1579A

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573 Datasheet
164Kb / 9P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573_15 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579PCI HOLTIC-HI-1579PCI Datasheet
87Kb / 10P
   3.3V Monolithic Dual Transceivers
HI-1573 HOLTIC-HI-1573_13 Datasheet
85Kb / 11P
   MIL-STD-1553 3.3V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567 Datasheet
216Kb / 7P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565 Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com