Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-6135 Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-6135
Description  Compact Remote Terminal with SPI Host Interface
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-6135 Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-6135_16 Datasheet HTML 5Page - Holt Integrated Circuits HI-6135_16 Datasheet HTML 6Page - Holt Integrated Circuits HI-6135_16 Datasheet HTML 7Page - Holt Integrated Circuits HI-6135_16 Datasheet HTML 8Page - Holt Integrated Circuits HI-6135_16 Datasheet HTML 9Page - Holt Integrated Circuits HI-6135_16 Datasheet HTML 10Page - Holt Integrated Circuits HI-6135_16 Datasheet HTML 11Page - Holt Integrated Circuits HI-6135_16 Datasheet HTML 12Page - Holt Integrated Circuits HI-6135_16 Datasheet HTML 13Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 172 page
background image
HI-6135
HOLT INTEGRATED CIRCUITS
9
List of Tables
Table 1. Pin Descriptions ............................................................................................................. 12
Table 2. Host Interface Pins......................................................................................................... 14
Table 3. Register Summary ......................................................................................................... 19
Table 4. Summary of Data Buffer Modes. ................................................................................... 81
Table 5. Circular Buffer Mode 2 (Initialization factors based on message block size)............... 103
Table 6. Mode Code Command Summary................................................................................. 108
Table 7. Terminal Unlock Word Encoding ...................................................................................112
Table 8. Registers are not written using EEPROM data.............................................................113
Table 9. READY delay times: from MR input pin rising edge to READY output pin rising edge.115
Table 10. RT Soft Reset Summary .............................................................................................119
Table 11. Fast-Access SPI Commands for Lower Registers .................................................... 137
Table 12. SPI Commands using Memory Address Pointer........................................................ 138


Similar Part No. - HI-6135_16

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6135 HOLTIC-HI-6135 Datasheet
4Mb / 172P
   40 MHz SPI Host Interface
More results

Similar Description - HI-6135_16

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6137 HOLTIC-HI-6137_16 Datasheet
5Mb / 230P
   Compact Multi-Terminal Device with SPI Host Interface
HI-6138 HOLTIC-HI-6138_16 Datasheet
6Mb / 254P
   Compact Multi-Terminal Device with SPI Host Interface
HI-6136 HOLTIC-HI-6136_16 Datasheet
5Mb / 206P
   Compact Multi-Terminal Device with SPI Host Interface
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E_07 Datasheet
371Kb / 32P
   USB Peripheral/Host Controller with SPI Interface
Rev 3; 7/07
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E Datasheet
359Kb / 29P
   USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
logo
Holt Integrated Circuit...
HI-6137 HOLTIC-HI-6137 Datasheet
5Mb / 230P
   40 MHz SPI Host Interface
HI-6138 HOLTIC-HI-6138 Datasheet
5Mb / 254P
   40 MHz SPI Host Interface
HI-6136 HOLTIC-HI-6136 Datasheet
5Mb / 206P
   40 MHz SPI Host Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com