Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7339-1 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM7339-1
Description  Quad Cell Delineation Block Device
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7339-1 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM7339-1 Datasheet HTML 1Page - PMC-Sierra, Inc PM7339-1 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
Quad Cell Delineation Block Device
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
PMC-2000367 (R4)
© Copyright PMC-Sierra,
Inc. 2001. All rights reserved.
S/UNI is a registered
trademark of PMC-Sierra,
Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
PM7339 S/UNI®-CDB
• Provides a four cell FIFO for rate
decoupling between the line and a
higher layer processing entity. FIFO
latency may be reduced by changing
the number of operational cell FIFOs.
• Provides an 8 kHz reference input for
locking the transmit PLCP frame rate
to an externally applied frame
reference.
• Provides programmable pseudo-
random test sequence generation (up
to 232-1 bit length sequences
conforming to ITU-T O.151 standards).
Diagnostic abilities include single bit
error insertion or error insertion at bit
error rates ranging from 10-1 to 10-7.
LOOPBACK FEATURES
• Provides for diagnostic loopbacks and
line loopbacks.
GENERAL
• Provides an 8-bit microprocessor
interface for configuration, control and
status monitoring.
• Provides a standard five signal
P1149.1 JTAG test port for boundary
scan board test purposes.
• Low power 3.3 V CMOS technology
with 5 V tolerant inputs.
• Available in a high density 256-pin
SBGA package (27 mm x 27 mm).
APPLICATIONS
• ATM Switches, Multiplexers, and
Routers.
• SMDS Switches, Multiplexers and
Routers.
• DSLAM.
• Integrated Access Devices (IAD).
TYPICAL APPLICATION
8 Port xDSL Card
xDSL Modem
xDSL Modem
xDSL Modem
xDSL Modem
ATM Switch Core
Switch
Fabric
PM7322
RCMP-800
Egress
Device
xDSL Modem
xDSL Modem
xDSL Modem
xDSL Modem
PM7339
S/UNI-CDB
OC-3 Line Cards
PM5346
S/UNI-LITE
PM7348
S/UNI-
DUAL
PM5347
S/UNI-PLUS
Access Side
Uplink Side
PM7339
S/UNI-CDB
ATM BASED DSLAM EQUIPMENT


Similar Part No. - PM7339-1

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7339 PMC-PM7339 Datasheet
45Kb / 4P
   Quad Cell Delineation Block Device
PM7339 PMC-PM7339 Datasheet
921Kb / 81P
   SATURN USER NETWORK INTERFACE CELL DELINEATION BLOCK
More results

Similar Description - PM7339-1

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7339 PMC-PM7339 Datasheet
45Kb / 4P
   Quad Cell Delineation Block Device
PM7339 PMC-PM7339 Datasheet
921Kb / 81P
   SATURN USER NETWORK INTERFACE CELL DELINEATION BLOCK
logo
PHOENIX CONTACT
3177 PHOENIX-3177 Datasheet
320Kb / 5P
   Block device couplers
logo
Maxim Integrated Produc...
DS2714 MAXIM-DS2714 Datasheet
211Kb / 12P
   Quad Loose Cell NiMH Charger
REV: 080206
DS2714 MAXIM-DS2714_V01 Datasheet
440Kb / 12P
   Quad Loose Cell NiMH Charger
2007
logo
Advanced Photonix, Inc.
SD085-23-21-021 ADVANCEDPHOTONIX-SD085-23-21-021 Datasheet
106Kb / 1P
   Red Enhanced Quad Cell Silicon Photodiode
logo
Luna Innovations Incorp...
PDB-C203 LUNA-PDB-C203 Datasheet
127Kb / 2P
   Blue Enhanced Quad-Cell Silicon Photodiode
logo
Advanced Photonix, Inc.
SD055-23-21-211 ADVANCEDPHOTONIX-SD055-23-21-211 Datasheet
101Kb / 1P
   Red Enhanced Quad Cell Silicon Photodiode
SD118-23-21-021 ADVANCEDPHOTONIX-SD118-23-21-021 Datasheet
106Kb / 1P
   Red Enhanced Quad Cell Silicon Photodiode
logo
Luna Innovations Incorp...
SD380-23-21-251 LUNA-SD380-23-21-251 Datasheet
133Kb / 2P
   Red Enhanced Quad Cell Silicon Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com