Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPI045N10N3G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPI045N10N3G
Description  OptiMOS?? Power-Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI045N10N3G Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPI045N10N3G Datasheet HTML 1Page - Infineon Technologies AG IPI045N10N3G Datasheet HTML 2Page - Infineon Technologies AG IPI045N10N3G Datasheet HTML 3Page - Infineon Technologies AG IPI045N10N3G Datasheet HTML 4Page - Infineon Technologies AG IPI045N10N3G Datasheet HTML 5Page - Infineon Technologies AG IPI045N10N3G Datasheet HTML 6Page - Infineon Technologies AG IPI045N10N3G Datasheet HTML 7Page - Infineon Technologies AG IPI045N10N3G Datasheet HTML 8Page - Infineon Technologies AG IPI045N10N3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
IPB042N10N3 G
IPI045N10N3 G
IPP045N10N3 G
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
4.5 V
5 V
6 V
7.5 V
10 V
0
3
6
9
0
50
100
150
I
D [A]
25 °C
175 °C
0
50
100
150
200
0
2
4
6
8
V
GS [V]
0
40
80
120
160
200
0
50
100
150
I
D [A]
4.5 V
5 V
5.5 V
6 V
7.5 V
10 V
0
80
160
240
320
400
0
1
2
3
4
5
V
DS [V]
Rev. 2.8
page 5
2016-08-17


Similar Part No. - IPI045N10N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI045N10N3G INFINEON-IPI045N10N3G Datasheet
350Kb / 11P
   OptiMOS?? Power-Transistor
Rev. 2.5 2010-01-13
More results

Similar Description - IPI045N10N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com