Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP040N06N Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPP040N06N
Description  OptiMOSTM Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP040N06N Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPP040N06N Datasheet HTML 1Page - Infineon Technologies AG IPP040N06N Datasheet HTML 2Page - Infineon Technologies AG IPP040N06N Datasheet HTML 3Page - Infineon Technologies AG IPP040N06N Datasheet HTML 4Page - Infineon Technologies AG IPP040N06N Datasheet HTML 5Page - Infineon Technologies AG IPP040N06N Datasheet HTML 6Page - Infineon Technologies AG IPP040N06N Datasheet HTML 7Page - Infineon Technologies AG IPP040N06N Datasheet HTML 8Page - Infineon Technologies AG IPP040N06N Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IPP040N06N
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
5 V
5.5 V
6 V
7 V
10 V
0
1
2
3
4
5
6
7
8
0
80
160
240
320
I
D [A]
25 °C
175 °C
0
40
80
120
160
200
240
280
320
0
2
4
6
8
V
GS [V]
0
50
100
150
0
20
40
60
80
I
D [A]
5 V
5.5 V
6 V
7 V
10 V
0
40
80
120
160
200
240
280
320
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
DS [V]
Rev.2.2
page 5
2012-12-20


Similar Part No. - IPP040N06N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP040N06N INFINEON-IPP040N06N Datasheet
1,021Kb / 2P
   New OptiMOS??40V and 60V
07 / 2012
logo
Inchange Semiconductor ...
IPP040N06N ISC-IPP040N06N Datasheet
337Kb / 2P
   isc N-Channel MOSFET Transistor
IPP040N06N3 ISC-IPP040N06N3 Datasheet
338Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPP040N06N3-G INFINEON-IPP040N06N3-G Datasheet
484Kb / 11P
   OptiMOS?? Power-Transistor Features for sync. rectification, drives and dc/dc SMPS
Rev. 1.03 2009-12-17
IPP040N06N3G INFINEON-IPP040N06N3G Datasheet
484Kb / 11P
   OptiMOS?? Power-Transistor Features for sync. rectification, drives and dc/dc SMPS
Rev. 1.03 2009-12-17
More results

Similar Description - IPP040N06N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD053N06N INFINEON-IPD053N06N Datasheet
498Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.2 2012-12-20
BSZ068N06NS INFINEON-BSZ068N06NS Datasheet
697Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.0 2013-10-17
BSC014N06NS INFINEON-BSC014N06NS_13 Datasheet
556Kb / 10P
   OptiMOSTM Power-Transistor
Rev.2.1 2013-01-29
IPB026N06N INFINEON-IPB026N06N Datasheet
606Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.2 2012-12-20
IPB057N06N INFINEON-IPB057N06N Datasheet
614Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.2 2012-12-20
BSC097N06NS INFINEON-BSC097N06NS Datasheet
489Kb / 10P
   OptiMOSTM Power-Transistor
Rev.2.0 2013-10-17
IPI020N06N INFINEON-IPI020N06N Datasheet
624Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.2 2012-12-20
BSZ100N06NS INFINEON-BSZ100N06NS Datasheet
697Kb / 9P
   OptiMOSTM Power-Transistor
Rev.2.0 2013-10-17
BSC066N06NS INFINEON-BSC066N06NS Datasheet
406Kb / 10P
   OptiMOSTM Power-Transistor
Rev.2.0 2013-10-17
BSC034N06NS INFINEON-BSC034N06NS Datasheet
495Kb / 10P
   OptiMOSTM Power-Transistor
Rev.2.0 2013-10-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com