Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSM15GP120 Datasheet(PDF) 7 Page - eupec GmbH

Part # BSM15GP120
Description  IGBT-Modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

BSM15GP120 Datasheet(HTML) 7 Page - eupec GmbH

Back Button BSM15GP120 Datasheet HTML 3Page - eupec GmbH BSM15GP120 Datasheet HTML 4Page - eupec GmbH BSM15GP120 Datasheet HTML 5Page - eupec GmbH BSM15GP120 Datasheet HTML 6Page - eupec GmbH BSM15GP120 Datasheet HTML 7Page - eupec GmbH BSM15GP120 Datasheet HTML 8Page - eupec GmbH BSM15GP120 Datasheet HTML 9Page - eupec GmbH BSM15GP120 Datasheet HTML 10Page - eupec GmbH BSM15GP120 Datasheet HTML 11Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Technische Information / Technical Information
IGBT-Module
IGBT-Modules
BSM15GP120
600 V
47 Ohm
IC [A]
600 V
RG [Ω ]
Schaltverluste Wechselr. (typisch)
Eon = f (IC), Eoff = f (IC), Erec = f (IC) VCC =
Switching losses Inverter (typical)
Tj = 125°C,
VGE = ±15 V,
RGon = RGoff =
0
1
2
3
4
5
6
0
5
10
15
20
25
30
35
Eon
Eoff
Erec
0
0,5
1
1,5
2
2,5
3
0
10
20
30
40
50
60
70
80
90
Eon
Eoff
Erec
Schaltverluste Wechselr. (typisch)
Eon = f (RG), Eoff = f (RG), Erec = f (RG)
Switching losses Inverter (typical)
Tj = 125°C, VGE = +-15 V ,
Ic = Inenn ,
VCC =
7(11)
DB-PIM-10 (2).xls


Similar Part No. - BSM15GP120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSM15GP60 INFINEON-BSM15GP60 Datasheet
164Kb / 13P
   Elektrische Eigenschaften / Electrical properties
17.09.1999
More results

Similar Description - BSM15GP120

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com