Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C64A-25F1TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # M27C64A-25F1TR
Description  64K (8K x 8) UV EPROM and OTP ROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C64A-25F1TR Datasheet(HTML) 5 Page - STMicroelectronics

  M27C64A-25F1TR Datasheet HTML 1Page - STMicroelectronics M27C64A-25F1TR Datasheet HTML 2Page - STMicroelectronics M27C64A-25F1TR Datasheet HTML 3Page - STMicroelectronics M27C64A-25F1TR Datasheet HTML 4Page - STMicroelectronics M27C64A-25F1TR Datasheet HTML 5Page - STMicroelectronics M27C64A-25F1TR Datasheet HTML 6Page - STMicroelectronics M27C64A-25F1TR Datasheet HTML 7Page - STMicroelectronics M27C64A-25F1TR Datasheet HTML 8Page - STMicroelectronics M27C64A-25F1TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Symbol
Alt
Parameter
Test Condition
M27C64A
Unit
-15
-20
-25
-30
Min Max Min Max Min Max Min Max
tAVQV
tACC
Address Valid to
Output Valid
E= VIL,G = VIL
150
200
250
300
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G= VIL
150
200
250
300
ns
tGLQV
tOE
Output Enable Low
to Output Valid
E= VIL
75
80
100
120
ns
tEHQZ
(2)
tDF
Chip Enable High to
Output Hi-Z
G= VIL
0
50
0
50
0
60
0
105
ns
tGHQZ
(2)
tDF
Output Enable High
to Output Hi-Z
E= VIL
0
50
0
50
0
60
0
105
ns
tAXQX
tOH
Address Transition to
Output Transition
E= VIL,G = VIL
0
000
ns
Notes: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously with or after VPP.
2. Sampled only, not 100% tested.
Table 7. Read Mode AC Characteristics (1)
(TA = 0 to 70
°C or –40 to 85 °C: VCC =5V ± 10%; VPP =VCC)
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±10
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±10
µA
ICC
Supply Current
E= VIL,G= VIL,
IOUT = 0mA, f = 5MHz
30
mA
ICC1
Supply Current (Standby) TTL
E = VIH
1mA
ICC2
Supply Current (Standby) CMOS
E > VCC – 0.2V
100
µA
IPP
Program Current
VPP =VCC
100
µA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
(2)
Input High Voltage
2
VCC +1
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH = –400
µA
2.4
V
Output High Voltage CMOS
IOH = –100
µAVCC – 0.7V
V
Notes: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously with or after VPP.
2. Maximum DC voltage on Output is VCC +0.5V.
Table 6. Read Mode DC Characteristics (1)
(TA = 0 to 70
°C or –40 to 85 °C: VCC =5V ± 10%; VPP =VCC)
5/11
M27C64A


Similar Part No. - M27C64A-25F1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C64A-25F1TR STMICROELECTRONICS-M27C64A-25F1TR Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
More results

Similar Description - M27C64A-25F1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
   NMOS 64K (8K x 8) UV EPROM
March 1995
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
   512K (64K X 8 BIT ) UV AND OTP EPROM
logo
STMicroelectronics
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com